Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 254 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 254 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 250Page - Renesas Technology Corp R8C2K Datasheet HTML 251Page - Renesas Technology Corp R8C2K Datasheet HTML 252Page - Renesas Technology Corp R8C2K Datasheet HTML 253Page - Renesas Technology Corp R8C2K Datasheet HTML 254Page - Renesas Technology Corp R8C2K Datasheet HTML 255Page - Renesas Technology Corp R8C2K Datasheet HTML 256Page - Renesas Technology Corp R8C2K Datasheet HTML 257Page - Renesas Technology Corp R8C2K Datasheet HTML 258Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 237 of 450
REJ09B0406-0110
Figure 16.78
Registers TRDIER0 to TRDIER1 in Input Capture Function
Figure 16.79
Registers TRD0 to TRD1 in Input Capture Function
Timer RD Interrupt Enable Register i (i = 0 or 1)
Symbol
Address
After Reset
TRDIER0
TRDIER1
0144h
0154h
11100000b
11100000b
Bit Symbol
Bit Name
Function
RW
b3 b2
IMIED
b1 b0
b7 b6 b5 b4
RW
IMIEB
RW
Input capture/compare match
interrupt enable bit A
0 : Disable interrupt (IMIA) by the IMFA bit
1 : Enable interrupt (IMIA) by the IMFA bit
Input capture/compare match
interrupt enable bit B
0 : Disable interrupt (IMIB) by the IMFB bit
1 : Enable interrupt (IMIB) by the IMFB bit
IMIEA
Input capture/compare match
interrupt enable bit C
0 : Disable interrupt (IMIC) by the IMFC bit
1 : Enable interrupt (IMIC) by the IMFC bit
IMIEC
RW
RW
Input capture/compare match
interrupt enable bit D
0 : Disable interrupt (IMID) by the IMFD bit
1 : Enable interrupt (IMID) by the IMFD bit
Overflow /underflow interrupt
enable bit
0 : Disable interrupt (OVI) by the OVF bit
1 : Enable interrupt (OVI) by the OVF bit
RW
OVIE
—
(b7-b5)
—
Nothing is assigned. If necessary, set to 0.
When read, the content is 1.
Timer RD Counter i (i = 0 or 1)
(1)
Symbol
Address
After Reset
TRD0
TRD1
0147h-0146h
0157h-0156h
0000h
0000h
Setting Range
RW
NOTE:
1.
Function
Count the count source. Count operation is incremented.
When an overflow occurs, the OVF bit in the TRDSRi register is set to 1.
0000h to FFFFh
RW
Access the TRDi register in 16-bit units. Do not access it in 8-bit units.
b0
b7
(b8)
b0
(b15)
b7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com