Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 253 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 253 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 249Page - Renesas Technology Corp R8C2K Datasheet HTML 250Page - Renesas Technology Corp R8C2K Datasheet HTML 251Page - Renesas Technology Corp R8C2K Datasheet HTML 252Page - Renesas Technology Corp R8C2K Datasheet HTML 253Page - Renesas Technology Corp R8C2K Datasheet HTML 254Page - Renesas Technology Corp R8C2K Datasheet HTML 255Page - Renesas Technology Corp R8C2K Datasheet HTML 256Page - Renesas Technology Corp R8C2K Datasheet HTML 257Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 236 of 450
REJ09B0406-0110
Figure 16.77
Registers TRDSR0 to TRDSR1 in Input Capture Function
Timer RD Status Register i (i = 0 or 1)
Symbol
Address
After Reset
TRDSR0
TRDSR1
0143h
0153h
11100000b
11000000b
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
4. Edge selected by bits IOk1 to IOk0 (k = C or D) in the TRDIORCi register
Including w hen the BFki bit in the TRDMR register is set to 1 (TRDGRki is used as the buffer register).
Edge selected by bits IOj1 to IOj0 (j = A or B) in the TRDIORAi register.
The w riting results are as follow s:
• This bit is set to 0 w hen the read result is 1 and 0 is w ritten to the same bit.
• This bit remains unchanged even if the read result is 0 and 0 is w ritten to the same bit. (This bit remains 1 even
if it is set to 1 from 0 after reading, and w riting 0.)
• This bit remains unchanged if 1 is w ritten to it.
b3 b2
IMFD
b1 b0
b7 b6 b5 b4
RW
IMFB
RW
Input capture/compare match
flag A
[Source for setting this bit to 0]
Write 0 after read(2)
[Source for setting this bit to 1]
TRDSR0 register:
fOCO128 signal edge w hen the IOA3 bit in the
TRDIORA0 register is set to 0 (fOCO128 signal)
TRDIOA0 pin input edge w hen the IOA3 bit in the
TRDIORA0 register is set to 1 (TRDIOA0 input)(3)
TRDSR1 register:
Input edge of TRDIOA1 pin(3)
Input capture/compare match
flag B
[Source for setting this bit to 0]
Write 0 after read(2)
[Source for setting this bit to 1]
Input edge of TRDIOBi pin(3)
IMFA
Input capture/compare match
flag C
[Source for setting this bit to 0]
Write 0 after read(2)
[Source for setting this bit to 1]
Input edge of TRDIOCi pin(4)
Nothing is assigned to b5 in the TRDSR0 register. When w riting to b5, w rite 0. When reading, the content is 1.
IMFC
RW
RW
Input capture/compare match
flag D
[Source for setting this bit to 0]
Write 0 after read(2)
[Source for setting this bit to 1]
Input edge of TRDIODi pin(4)
Overflow flag
[Source for setting this bit to 0]
Write 0 after read(2)
[Source for setting this bit to 1]
When the TRDi register overflow s
—
(b7-b6)
—
Nothing is assigned. If necessary, set to 0.
When read, the content is 1.
RW
OVF
UDF
Underflow flag(1)
This bit is disabled in the input capture function.
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com