Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 251 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 251 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 247Page - Renesas Technology Corp R8C2K Datasheet HTML 248Page - Renesas Technology Corp R8C2K Datasheet HTML 249Page - Renesas Technology Corp R8C2K Datasheet HTML 250Page - Renesas Technology Corp R8C2K Datasheet HTML 251Page - Renesas Technology Corp R8C2K Datasheet HTML 252Page - Renesas Technology Corp R8C2K Datasheet HTML 253Page - Renesas Technology Corp R8C2K Datasheet HTML 254Page - Renesas Technology Corp R8C2K Datasheet HTML 255Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 251 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 234 of 450
REJ09B0406-0110
Figure 16.75
Registers TRDIORA0 to TRDIORA1 in Input Capture Function
Timer RD I/O Control Register Ai (i = 0 or 1)
Symbol
Address
After Reset
TRDIORA0
TRDIORA1
0141h
0151h
10001000b
10001000b
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
4.
The IOA3 bit is enabled in the TRDIORA0 register only. Set to the IOA3 bit in TRDIORA1 to 1.
The IOA3 bit is enabled w hen the IOA2 bit is set to 1 (input capture function).
TRDGRA mode select bit(1)
Set to 1 (input capture) in the input capture
function.
RW
Input capture input sw itch
bit(3, 4)
0 : fOCO128 Signal
1 : TRDIOA0 pin input
RW
To select 1 (the TRDGRCi register is used as a buffer register of the TRDGRAi register) for this bit by the BFCi bit in
the TRDMR register, set the IOC2 bit in the TRDIORCi register to the same value as the IOA2 bit in the TRDIORAi
register.
TRDGRB mode select bit(2)
RW
RW
IOA1
IOA0
TRDGRA control bits
b1 b0
0 0 : Input capture to the TRDGRAi register
at the rising edge
0 1 : Input capture to the TRDGRAi register
at the falling edge
1 0 : Input capture to the TRDGRAi register
at both edges
1 1 : Do not set.
b7 b6 b5 b4
1
IOA2
1
IOB0
IOB1
RW
b3 b2
IOA3
b1 b0
To select 1 (the TRDGRDi register is used as a buffer register of the TRDGRBi register) for this bit by the BFDi bit in
the TRDMR register, set the IOD2 bit in the TRDIORCi register to the same value as the IOB2 bit in the TRDIORAi
register.
Set to 1 (input capture) in the input capture
function.
RW
—
(b7)
IOB2
RW
TRDGRB control bits
b5 b4
0 0 : Input capture to the TRDGRBi register
at the rising edge
0 1 : Input capture to the TRDGRBi register
at the falling edge
1 0 : Input capture to the TRDGRBi register
at both edges
1 1 : Do not set.
Nothing is assigned. If necessary, set to 0.
When read, the content is 1.
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com