Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 245 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 245 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 241Page - Renesas Technology Corp R8C2K Datasheet HTML 242Page - Renesas Technology Corp R8C2K Datasheet HTML 243Page - Renesas Technology Corp R8C2K Datasheet HTML 244Page - Renesas Technology Corp R8C2K Datasheet HTML 245Page - Renesas Technology Corp R8C2K Datasheet HTML 246Page - Renesas Technology Corp R8C2K Datasheet HTML 247Page - Renesas Technology Corp R8C2K Datasheet HTML 248Page - Renesas Technology Corp R8C2K Datasheet HTML 249Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 228 of 450
REJ09B0406-0110
i = 0 or 1, j = either A, B, C, or D
Table 16.37
Input Capture Function Specifications
Item
Specification
Count sources
f1, f2, f4, f8, f32, fOCO40M
External signal input to the TRDCLK pin (valid edge selected by a
program)
Count operations
Increment
Count period
When bits CCLR2 to CCLR0 in the TRDCRi register are set to 000b
(free-running operation).
1/fk × 65536 fk: Frequency of count source
Count start condition
1 (count starts) is written to the TSTARTi bit in the TRDSTR register.
Count stop condition
0 (count stops) is written to the TSTARTi bit in the TRDSTR register
when the CSELi bit in the TRDSTR register is set to 1.
Interrupt request generation
timing
• Input capture (valid edge of TRDIOji input or fOCO128 signal edge)
• TRDi register overflows
TRDIOA0 pin function
Programmable I/O port, input-capture input, or TRDCLK (external clock)
input
TRDIOB0, TRDIOC0,
TRDIOD0, TRDIOA1 to
TRDIOD1 pin functions
Programmable I/O port, or input-capture input (selectable by pin)
INT0 pin function
Programmable I/O port or INT0 interrupt input
Read from timer
The count value can be read by reading the TRDi register.
Write to timer
• When the SYNC bit in the TRDMR register is set to 0 (channels 0 and
1 operate independently).
Data can be written to the TRDi register.
• When the SYNC bit in the TRDMR register is set to 1 (channels 0 and
1 operate synchronously).
Data can be written to both the TRD0 and TRD1 registers by writing to
the TRDi register.
Select functions
• Input-capture input pin selected
Either 1 pin or multiple pins among TRDIOAi, TRDIOBi, TRDIOCi, or
TRDIODi.
• Input-capture input valid edge selected
The rising edge, falling edge, or both the rising and falling edges
• The timing when the TRDi register is set to 0000h
At overflow or input capture
• Buffer operation (Refer to 16.4.2 Buffer Operation.)
• Synchronous operation (Refer to 16.4.3 Synchronous Operation.)
• Digital filter
The TRDIOji input is sampled, and when the sampled input level
match as 3 times, the level is determined.
• Input-capture trigger selected
fOCO128 can be selected for input-capture trigger input of the
TRDGRA0 register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com