Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 241 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 241 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 237Page - Renesas Technology Corp R8C2K Datasheet HTML 238Page - Renesas Technology Corp R8C2K Datasheet HTML 239Page - Renesas Technology Corp R8C2K Datasheet HTML 240Page - Renesas Technology Corp R8C2K Datasheet HTML 241Page - Renesas Technology Corp R8C2K Datasheet HTML 242Page - Renesas Technology Corp R8C2K Datasheet HTML 243Page - Renesas Technology Corp R8C2K Datasheet HTML 244Page - Renesas Technology Corp R8C2K Datasheet HTML 245Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 224 of 450
REJ09B0406-0110
16.4.3
Synchronous Operation
The TRD1 register is synchronized with the TRD0 register.
• Synchronous preset
When the SYNC bit in the TRDMR register is set to 1 (synchronous operation), the data is written to both
the TRD0 and TRD1 registers after writing to the TRDi register.
• Synchronous clear
When the SYNC bit in the TRDMR register is set to 1 and bits CCLR2 to CCLR0 in the TRDCRi register
are set to 011b (synchronous clear), the TRD0 register is set to 0000h at the same time as the TRD1 register
is set to 0000h.
Also, when the SYNC bit in the TRDMR register is set to 1 and bits CCLR2 to CCLR0 in the TRDCRi
register are set to 011b (synchronous clear), the TRD1 register is set to 0000h at the same time as the TRD0
register is set to 0000h.
Figure 16.67
Synchronous Operation
Value in
TRD0 register
TRDIOA0 input
n
n is set
n writing
Value in
TRD1 register
n
Set to 0000h with TRD0 register
Set to 0000h by input capture
The above applies under the following conditions:
• The SYNC bit in the TRDMR register is set to 1 (synchronous operation).
• Bits CCLR2 to CCLR0 in the TRDCR0 register are set to 001b (set the TRD0 register to 0000h in input capture).
Bits CCLR2 to CCLR0 in the TRDCR1 register are set to 011b (set the TRD1 register to 0000h synchronizing with
the TRD0 register).
• Bits IOA2 to IOA0 in the TRDIORA0 register are set to 100b.
• Bits CMD1 to CMD0 in the TRDFCR register are set to 00b.
(Input capture at the rising edge of the TRDIOA0 input)
The PWM 3 bit in the TRDFCR register is set to 1.
n is set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com