Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 242 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 242 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 238Page - Renesas Technology Corp R8C2K Datasheet HTML 239Page - Renesas Technology Corp R8C2K Datasheet HTML 240Page - Renesas Technology Corp R8C2K Datasheet HTML 241Page - Renesas Technology Corp R8C2K Datasheet HTML 242Page - Renesas Technology Corp R8C2K Datasheet HTML 243Page - Renesas Technology Corp R8C2K Datasheet HTML 244Page - Renesas Technology Corp R8C2K Datasheet HTML 245Page - Renesas Technology Corp R8C2K Datasheet HTML 246Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 225 of 450
REJ09B0406-0110
16.4.4
Pulse Output Forced Cutoff
In the output compare function, PWM mode, reset synchronous PWM mode, complementary PWM mode, and
PWM3 mode, the TRDIOji (i = 0 or 1, j = either A, B, C, or D) output pin can be forcibly set to a programmable
I/O port by the INT0 pin input, and pulse output can be cut off.
The pins used for output in these functions or modes can function as the output pin of timer RD when the
applicable bit in the TRDOER1 register is set to 0 (enable timer RD output). When the PTO bit in the
TRDOER2 register to 1 (INT0 of pulse output forced cutoff signal input enabled), all bits in the TRDOER1
register are set to 1 (disable timer RD output, the TRDIOji output pin is used as the programmable I/O port)
after “L” is applied to the INT0 pin. The TRDIOji output pin is set to the programmable I/O port after “L” is
applied to the INT0 pin and waiting for 1 to 2 cycles of the timer RD operation clock (refer to Table 16.25
Timer RD Operation Clocks).
Set as below when using this function:
• Set the pin status (high impedance, “L” or “H” output) to pulse output forced cutoff by registers P2 and
PD2.
• Set the INT0EN bit in the INTEN register to 1 (enable INT0 input) and the INT0PL bit to 0 (one edge).
• Set the PD4_5 bit in the PD4 register to 0 (input mode).
• Set the INT0 digital filter by bits INT0F1 to INT0F0 in the INTF register.
• Set the PTO bit in the TRDOER2 register to 1 (enable pulse output forced cutoff signal input INT0).
According to the selection of the POL bit in the INT0IC register and change of the INT0 pin input, the IR bit in
the INT0IC register is set to 1 (interrupt request). Refer to 12. Interrupts for details of interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com