Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 238 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 238 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 234Page - Renesas Technology Corp R8C2K Datasheet HTML 235Page - Renesas Technology Corp R8C2K Datasheet HTML 236Page - Renesas Technology Corp R8C2K Datasheet HTML 237Page - Renesas Technology Corp R8C2K Datasheet HTML 238Page - Renesas Technology Corp R8C2K Datasheet HTML 239Page - Renesas Technology Corp R8C2K Datasheet HTML 240Page - Renesas Technology Corp R8C2K Datasheet HTML 241Page - Renesas Technology Corp R8C2K Datasheet HTML 242Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 221 of 450
REJ09B0406-0110
16.4.1
Count Sources
The count source selection method is the same in all modes. However, in PWM3 mode, the external clock
cannot be selected.
i = 0 or 1
NOTE:
1. The count source fOCO40M can be used with VCC = 3.0 to 5.5 V.
Figure 16.64
Block Diagram of Count Source
Set the pulse width of the external clock which inputs to the TRDCLK pin to 3 cycles or above of the operation
clock of timer RD (refer to Table 16.25 Timer RD Operation Clocks).
When selecting fOCO40M for the count source, set the FRA00 bit in the FRA0 register to 1 (high-speed on-
chip oscillator on) before setting bits TCK2 to TCK0 in the TRDCRi register (i = 0 or 1) to 110b (fOCO40M).
Table 16.35
Count Source Selection
Count Source
Selection
f1, f2, f4, f8, f32
The count source is selected by bits TCK2 to TCK0 in the TRDCRi register.
fOCO40M(1)
The FRA00 bit in the FRA0 register is set to 1 (high-speed on-chip oscillator
frequency).
Bits TCK2 to TCK0 in the TRDCRi register is set to 110b (fOCO40M).
External signal input
to TRDCLK pin
The STCLK bit in the TRDFCR register is set to 1 (external clock input enabled).
Bits TCK2 to TCK0 in the TRDCRi register are set to 101b
(count source: external clock).
The valid edge is selected by bits CKEG1 to CKEG0 in the TRDCRi register.
The PD2_0 bit in the PD2 register is set to 0 (input mode).
TRDCLK/
TRDIOA0
TCK2 to TCK0
TRDi register
TCK2 to TCK0, CKEG1 to CKEG0: Bits in TRDCRi register
STCLK: Bit in TRDFCR register
f1
f2
f4
f8
f32
= 001b
= 010b
= 011b
= 000b
= 101b
= 100b
Valid edge
selected
CKEG1 to CKEG0
TRDIOA0 I/O or programmable I/O port
Count source
STCLK = 1
STCLK = 0
fOCO40M
= 110b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com