Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 313 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 313 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 309Page - Renesas Technology Corp R8C2K Datasheet HTML 310Page - Renesas Technology Corp R8C2K Datasheet HTML 311Page - Renesas Technology Corp R8C2K Datasheet HTML 312Page - Renesas Technology Corp R8C2K Datasheet HTML 313Page - Renesas Technology Corp R8C2K Datasheet HTML 314Page - Renesas Technology Corp R8C2K Datasheet HTML 315Page - Renesas Technology Corp R8C2K Datasheet HTML 316Page - Renesas Technology Corp R8C2K Datasheet HTML 317Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 296 of 450
REJ09B0406-0110
i = 0 or 1, j = either A, B, C, or D
Table 16.47
PWM3 Mode Specifications
Item
Specification
Count sources
f1, f2, f4, f8, f32, fOCO40M
Count operations
The TRD0 register is incremented (the TRD1 is not used).
PWM waveform
PWM period: 1/fk × (m+1)
Active level width of TRDIOA0 output: 1/fk × (m-n)
Active level width of TRDIOB0 output: 1/fk × (p-q)
fk: Frequency of count source
m: Value set in the TRDGRA0 register
n: Value set in the TRDGRA1 register
p: Value set in the TRDGRB0 register
q: Value set in the TRDGRB1 register
Count start condition
1 (count starts) is written to the TSTART0 bit in the TRDSTR register.
Count stop conditions
• 0 (count stops) is written to the TSTART0 bit in the TRDSTR register
when the CSEL0 bit in the TRDSTR register is set to 1.
The PWM output pin holds output level before the count stops
• When the CSEL0 bit in the TRDSTR register is set to 0, the count
stops at compare match with the TRDGRA0 register.
The PWM output pin holds level after output change by compare
match.
Interrupt request generation
timing
• Compare match (The content of the TRDi register matches content
of the TRDGRji register.)
• The TRD0 register overflows
TRDIOA0, TRDIOB0 pin
functions
PWM output
TRDIOC0, TRDIOD0, TRDIOA1
to TRDIOD1 pin functions
Programmable I/O port
INT0 pin function
Programmable I/O port, pulse output forced cutoff signal input, or
INT0 interrupt input
Read from timer
The count value can be read by reading the TRD0 register.
Write to timer
The value can be written to the TRD0 register.
Select functions
• Pulse output forced cutoff signal input (Refer to 16.4.4 Pulse
Output Forced Cutoff.)
• Buffer Operation (Refer to 16.4.2 Buffer Operation.)
• Active level selectable by pin
m+1
TRDIOA0 output
TRDIOB0 output
(When “H” is selected as the active level)
p-q
m-n
n+1
p+1
q+1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com