Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 314 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 314 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 310Page - Renesas Technology Corp R8C2K Datasheet HTML 311Page - Renesas Technology Corp R8C2K Datasheet HTML 312Page - Renesas Technology Corp R8C2K Datasheet HTML 313Page - Renesas Technology Corp R8C2K Datasheet HTML 314Page - Renesas Technology Corp R8C2K Datasheet HTML 315Page - Renesas Technology Corp R8C2K Datasheet HTML 316Page - Renesas Technology Corp R8C2K Datasheet HTML 317Page - Renesas Technology Corp R8C2K Datasheet HTML 318Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 297 of 450
REJ09B0406-0110
Figure 16.135 TRDSTR Register in PWM3 Mode
Timer RD Start Register
(1)
Symbol
Address
After Reset
TRDSTR
0137h
11111100b
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
4.
5.
—
(b7-b4)
Nothing is assigned. If necessary, set to 0.
When read, the content is 1.
Set the TRDSTR register using the MOV instruction (do not use the bit handling instruction). Refer to 16.4.12.1
TRDSTR Register of Notes on Tim er RD.
RW
TRD1 count operation select bit
[this bit is not used in PWM3 mode]
0 : Count stops at the compare match
w ith the TRDGRA1 register
1 : Count continues after the compare
match w ith the TRDGRA1 register
—
TRD0 count operation select bit
0 : Count stops at the compare match
w ith the TRDGRA0 register
1 : Count continues after the compare
match w ith the TRDGRA0 register
CSEL0
RW
RW
TSTART1
RW
TRD1 count start flag(5)
0 : Count stops(3)
1 : Count starts
TRD0 count start flag(4)
0 : Count stops(2)
1 : Count starts
b7 b6 b5 b4 b3 b2
CSEL1
b1 b0
TSTART0
When the CSEL0 bit is set to 1, w rite 0 to the TSTART0 bit.
When the CSEL1 bit is set to 1, w rite 0 to the TSTART1 bit.
When the CSEL0 bit is set to 0 and the compare match signal (TRDIOA0) is generated, this bit is set to 0 (count
stops).
When the CSEL1 bit is set to 0 and the compare match signal (TRDIOA1) is generated, this bit is set to 0 (count
stops).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com