Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 318 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 318 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 314Page - Renesas Technology Corp R8C2K Datasheet HTML 315Page - Renesas Technology Corp R8C2K Datasheet HTML 316Page - Renesas Technology Corp R8C2K Datasheet HTML 317Page - Renesas Technology Corp R8C2K Datasheet HTML 318Page - Renesas Technology Corp R8C2K Datasheet HTML 319Page - Renesas Technology Corp R8C2K Datasheet HTML 320Page - Renesas Technology Corp R8C2K Datasheet HTML 321Page - Renesas Technology Corp R8C2K Datasheet HTML 322Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 318 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 301 of 450
REJ09B0406-0110
Figure 16.139 TRDOCR Register in PWM3 Mode
Timer RD Output Control Register
(1)
Symbol
Address
After Reset
TRDOCR
013Dh
00h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2. If the pin function is set for w aveform output (refer to Tables 16.26 and 16.27), the initial output level is output w hen
the TRDOCR register is set.
TOA1
TOB1
RW
TRDIOD1 initial output level
select bit
TRDIOB1 initial output level
select bit
TOC1
TRDIOC1 initial output level
select bit
These bits are disabled in PWM3 mode.
TRDIOC0 initial output level
select bit
Write to the TRDOCR register w hen both bits TSTART0 and TSTART1 in the TRDSTR register are set to 0 (count
stops).
TOC0
RW
RW
TRDIOA1 initial output level
select bit
RW
RW
TRDIOD0 initial output level
select bit
TOD1
RW
RW
TOB0
RW
TRDIOA0 output level select
bit(2)
0 : Active level “H”,
initial output “L”,
output “H” at compare match w ith the
TRDGRA1register,
output “L” at compare match w ith the
TRDGRA0 register
1 : Active level “L”,
initial output “H”,
output “L” at compare match w ith the
TRDGRA1register,
output “H” at compare match w ith the
TRDGRA0 register
TRDIOB0 output level select
bit(2)
0 : Active level “H”,
initial output “L”,
output “H” at compare match w ith the
TRDGRB1register,
output “L” at compare match w ith the
TRDGRB0 register
1 : Active level “L”,
initial output “H”,
output “L” at compare match w ith the
TRDGRB1register,
output “H” at compare match w ith the
TRDGRB0 register
b7 b6 b5 b4 b3 b2
TOD0
b1 b0
TOA0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com