Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 315 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 315 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 311Page - Renesas Technology Corp R8C2K Datasheet HTML 312Page - Renesas Technology Corp R8C2K Datasheet HTML 313Page - Renesas Technology Corp R8C2K Datasheet HTML 314Page - Renesas Technology Corp R8C2K Datasheet HTML 315Page - Renesas Technology Corp R8C2K Datasheet HTML 316Page - Renesas Technology Corp R8C2K Datasheet HTML 317Page - Renesas Technology Corp R8C2K Datasheet HTML 318Page - Renesas Technology Corp R8C2K Datasheet HTML 319Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 298 of 450
REJ09B0406-0110
Figure 16.136 TRDMR Register in PWM3 Mode
Timer RD Mode Register
Symbol
Address
After Reset
TRDMR
0138h
00001110b
Bit Symbol
Bit Name
Function
RW
b3 b2
BFD0
b1 b0
SYNC
b7 b6 b5 b4
RW
—
(b3-b1)
—
Timer RD synchronous bit
Set this bit to 0 (TRD0 and TRD1 operate
independently) in PWM3 mode.
Nothing is assigned. If necessary, set to 0.
When read, the content is 1.
RW
TRDGRD0 register function select
bit
0 : General register
1 : Buffer register of TRDGRB0 register
TRDGRC1 register function select
bit
0 : General register
1 : Buffer register of TRDGRA1 register
RW
TRDGRC0 register function select
bit
0 : General register
1 : Buffer register of TRDGRA0 register
BFC0
RW
RW
BFC1
BFD1
TRDGRD1 register function select
bit
0 : General register
1 : Buffer register of TRDGRB1 register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com