Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 325 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 325 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 321Page - Renesas Technology Corp R8C2K Datasheet HTML 322Page - Renesas Technology Corp R8C2K Datasheet HTML 323Page - Renesas Technology Corp R8C2K Datasheet HTML 324Page - Renesas Technology Corp R8C2K Datasheet HTML 325Page - Renesas Technology Corp R8C2K Datasheet HTML 326Page - Renesas Technology Corp R8C2K Datasheet HTML 327Page - Renesas Technology Corp R8C2K Datasheet HTML 328Page - Renesas Technology Corp R8C2K Datasheet HTML 329Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 325 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 308 of 450
REJ09B0406-0110
16.4.11 Timer RD Interrupt
Timer RD generates the timer RD interrupt request based on 6 sources for each channel. The timer RD interrupt
has 1 TRDiIC register (bits IR, and ILVL0 to ILVL2), and 1 vector for each channel. Table 16.49 lists the
Registers Associated with Timer RD Interrupt, and Figure 16.146 shows a Block Diagram of Timer RD
Interrupt.
Figure 16.146 Block Diagram of Timer RD Interrupt
As with other maskable interrupts, the timer RD interrupt is controlled by the combination of the I flag, IR bit,
bits ILVL0 to ILVL2, and IPL. However, since the interrupt source (timer RD interrupt) is generated by a
combination of multiple interrupt request sources, the following differences from other maskable interrupts
apply:
• When bits in the TRDSRi register corresponding to bits set to 1 in the TRDIERi register are set to 1 (enable
interrupt), the IR bit in the TRDiIC register is set to 1 (interrupt requested).
• When either bits in the TRDSRi register or bits in the TRDIERi register corresponding to bits in the
TRDSRi register, or both of them, are set to 0, the IR bit is set to 0 (interrupt not requested). Therefore,
even though the interrupt is not acknowledged after the IR bit is set to 1, the interrupt request will not be
maintained.
• When the conditions of other request sources are met, the IR bit remains 1.
• When multiple bits in the TRDIERi register are set to 1, which request source causes an interrupt is
determined by the TRDSRi register.
• Since each bit in the TRDSRi register is not automatically set to 0 even if the interrupt is acknowledged, set
each bit to 0 in the interrupt routine. For information on how to set these bits to 0, refer to the descriptions
of the registers used in the different modes (Figures 16.77, 16.92, 16.105, 16.117, 16.128, and 16.141).
Table 16.49
Registers Associated with Timer RD Interrupt
Timer RD
Status Register
Timer RD
Interrupt Enable Register
Timer RD
Interrupt Control Register
Channel 0
TRDSR0
TRDIER0
TRD0IC
Channel 1
TRDSR1
TRDIER1
TRD1IC
Timer RD interrupt request
(IR bit in TRDiIC register)
IMFA bit
IMIEA bit
IMFB bit
IMIEB bit
IMFC bit
IMIEC bit
IMFD bit
IMIED bit
UDF bit
OVF bit
OVIE bit
i = 0 or 1
IMFA, IMFB, IMFC, IMFD, OVF, UDF: Bits in TRDSRi register
IMIEA, IMIEB, IMIEC, IMIED, OVIE: Bits in TRDIER register
Channel i



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com