Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 327 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 327 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 323Page - Renesas Technology Corp R8C2K Datasheet HTML 324Page - Renesas Technology Corp R8C2K Datasheet HTML 325Page - Renesas Technology Corp R8C2K Datasheet HTML 326Page - Renesas Technology Corp R8C2K Datasheet HTML 327Page - Renesas Technology Corp R8C2K Datasheet HTML 328Page - Renesas Technology Corp R8C2K Datasheet HTML 329Page - Renesas Technology Corp R8C2K Datasheet HTML 330Page - Renesas Technology Corp R8C2K Datasheet HTML 331Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 310 of 450
REJ09B0406-0110
16.4.12 Notes on Timer RD
16.4.12.1 TRDSTR Register
• Set the TRDSTR register using the MOV instruction.
• When the CSELi (i = 0 to 1) is set to 0 (the count stops at compare match of registers TRDi and
TRDGRAi), the count does not stop and the TSTARTi bit remains unchanged even if 0 (count stops) is
written to the TSTARTi bit.
• Therefore, set the TSTARTi bit to 0 to change other bits without changing the TSTARTi bit when the
CSELi bit is se to 0.
• To stop counting by a program, set the TSTARTi bit after setting the CSELi bit to 1. Although the CSELi
bit is set to 1 and the TSTARTi bit is set to 0 at the same time (with 1 instruction), the count cannot be
stopped.
• Table 16.50 lists the TRDIOji (j = A, B, C, or D) Pin Output Level when Count Stops to use the TRDIOji (j
= A, B, C, or D) pin with the timer RD output.
16.4.12.2 TRDi Register (i = 0 or 1)
• When writing the value to the TRDi register by a program while the TSTARTi bit in the TRDSTR register
is set to 1 (count starts), avoid overlapping with the timing for setting the TRDi register to 0000h, and then
write. If the timing for setting the TRDi register to 0000h overlaps with the timing for writing the value to
the TRDi register, the value is not written and the TRDi register is set to 0000h.
These precautions are applicable when selecting the following by bits CCLR2 to CCLR0 in the TRDCRi
register.
- 001b (Clear by the TRDi register at compare match with the TRDGRAi register.)
- 010b (Clear by the TRDi register at compare match with the TRDGRBi register.)
- 011b (Synchronous clear)
- 101b (Clear by the TRDi register at compare match with the TRDGRCi register.)
- 110b (Clear by the TRDi register at compare match with the TRDGRDi register.)
• When writing the value to the TRDi register and continuously reading the same register, the value before
writing may be read. In this case, execute the JMP.B instruction between the writing and reading.
Program example
MOV.W
#XXXXh, TRD0
;Writing
JMP.B
L1
;JMP.B
L1:
MOV.W
TRD0,DATA
;Reading
16.4.12.3 TRDSRi Register (i = 0 or 1)
When writing the value to the TRDSRi register and continuously reading the same register, the value before
writing may be read. In this case, execute the JMP.B instruction between the writing and reading.
Program example
MOV.B
#XXh, TRDSR0
;Writing
JMP.B
L1
;JMP.B
L1:
MOV.B
TRDSR0,DATA
;Reading
Table 16.50
TRDIOji (j = A, B, C, or D) Pin Output Level when Count Stops
Count Stop
TRDIOji Pin Output when Count Stops
When the CSELi bit is set to 1, set the TSTARTi bit to 0 and the count
stops.
Hold the output level immediately before the
count stops.
When the CSELi bit is set to 0, the count stops at compare match of
registers TRDi and TRDGRAi.
Hold the output level after output changes by
compare match.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com