Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 331 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 331 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 327Page - Renesas Technology Corp R8C2K Datasheet HTML 328Page - Renesas Technology Corp R8C2K Datasheet HTML 329Page - Renesas Technology Corp R8C2K Datasheet HTML 330Page - Renesas Technology Corp R8C2K Datasheet HTML 331Page - Renesas Technology Corp R8C2K Datasheet HTML 332Page - Renesas Technology Corp R8C2K Datasheet HTML 333Page - Renesas Technology Corp R8C2K Datasheet HTML 334Page - Renesas Technology Corp R8C2K Datasheet HTML 335Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 314 of 450
REJ09B0406-0110
• Select with bits CMD1 to CMD0 the timing of data transfer from the buffer register to the general register.
However, transfer takes place with the following timing in spite of the value of bits CMD1 to CMD0 in the
following cases:
Value in buffer register
≥ value in TRDGRA0 register:
Transfer take place at underflow of the TRD1 register.
After this, when the buffer register is set to 0001h or above and a smaller value than the value of the
TRDGRA0 register, and the TRD1 register underflows for the first time after setting, the value is
transferred to the general register. After that, the value is transferred with the timing selected by bits CMD1
to CMD0.
Figure 16.149 Operation when Value in Buffer Register
≥ Value in TRDGRA0 Register in
Complementary PWM Mode
0000h
TRDGRD0 register
TRDIOB0 output
n3
n2
m+1
n3
n2
n1
n2
n1
n3
n2
n2
n1
n1
TRDGRB0 register
Transfer
Transfer at
underflow of TRD1
register because of
n3 > m
Transfer at
underflow of TRD1
register because
of first setting to
n2 < m
TRDIOD0 output
m: Value set in TRDGRA0 register
The above applies under the following conditions:
• Bits CMD1 to CMD0 in the TRDFCR register are set to 11b (data in the buffer register is transferred at compare match
between registers TRD0 and TRDGRA0 in complementary PWM mode).
• Both the OSL0 and OLS1 bits in the TRDFCR register are set to 1 (active ‘H” for normal-phase and counter-phase).
Count value in TRD0
register
Count value in TRD1
register
Transfer with timing set by
bits CMD1 to CMD0
Transfer with timing set by
bits CMD1 to CMD0
Transfer
Transfer
Transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com