Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 334 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 334 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 330Page - Renesas Technology Corp R8C2K Datasheet HTML 331Page - Renesas Technology Corp R8C2K Datasheet HTML 332Page - Renesas Technology Corp R8C2K Datasheet HTML 333Page - Renesas Technology Corp R8C2K Datasheet HTML 334Page - Renesas Technology Corp R8C2K Datasheet HTML 335Page - Renesas Technology Corp R8C2K Datasheet HTML 336Page - Renesas Technology Corp R8C2K Datasheet HTML 337Page - Renesas Technology Corp R8C2K Datasheet HTML 338Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 334 / 471 page
background image
R8C/2K Group, R8C/2L Group
17. Serial Interface
Rev.1.10
Dec 21, 2007
Page 317 of 450
REJ09B0406-0110
Figure 17.2
UARTi Transmit/Receive Unit
RXDi
1SP
2SP
SP
SP
PAR
PRYE = 0
PAR
disabled
PAR
enabled
PRYE = 1
UART
UART (9 bits)
D7
D6
D5
D4
D3
D2
D1
D0
UARTi receive register
UiRB register
0
000000
D8
MSB/LSB conversion circuit
Data bus high-order bits
Data bus low-order bits
D7
D6
D5
D4
D3
D2
D1
D0 UiTB register
D8
TXDi
1SP
2SP
SP
SP
PAR
UARTi transmit register
0
i = 0 or 2
SP: Stop bit
PAR: Parity bit
UART (7 bits)
UART (8 bits)
Clock
synchronous
type
Clock
synchronous
type
UART (7 bits)
Clock
synchronous
type
UART (7 bits)
Clock
synchronous
type
UART (8 bits)
UART (9 bits)
UART (7 bits)
UART (8 bits)
Clock
synchronous
type
UART (9 bits)
UART
PRYE = 1
PAR
enabled
PAR
disabled
PRYE = 0
Clock
synchronous
type
MSB/LSB conversion circuit
UART (8 bits)
UART (9 bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com