Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 335 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 335 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 331Page - Renesas Technology Corp R8C2K Datasheet HTML 332Page - Renesas Technology Corp R8C2K Datasheet HTML 333Page - Renesas Technology Corp R8C2K Datasheet HTML 334Page - Renesas Technology Corp R8C2K Datasheet HTML 335Page - Renesas Technology Corp R8C2K Datasheet HTML 336Page - Renesas Technology Corp R8C2K Datasheet HTML 337Page - Renesas Technology Corp R8C2K Datasheet HTML 338Page - Renesas Technology Corp R8C2K Datasheet HTML 339Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 335 / 471 page
background image
R8C/2K Group, R8C/2L Group
17. Serial Interface
Rev.1.10
Dec 21, 2007
Page 318 of 450
REJ09B0406-0110
Figure 17.3
Registers U0MR, U2MR and U0BRG, U2BRG
UARTi Transmit/Receive Mode Register (i = 0 or 2)
Symbol
Address
After Reset
U0MR
00A0h
00h
U2MR
0160h
00h
Bit Symbol
Bit Name
Function
RW
—
(b7)
Reserved bit
RW
Odd/even parity select bit
Enable w hen PRYE = 1
0 : Odd parity
1 : Even parity
PRYE
Parity enable bit
0 : Parity disabled
1 : Parity enabled
RW
Set to 0.
PRY
RW
RW
RW
STPS
RW
0 : 1 stop bit
1 : 2 stop bits
CKDIR
Internal/external clock select bit 0 : Internal clock
1 : External clock
Stop bit length select bit
Serial I/O mode select bits
b2 b1 b0
0 0 0 : Serial interface disabled
0 0 1 : Clock synchronous serial I/O mode
1 0 0 : UART mode transfer data 7 bits long
1 0 1 : UART mode transfer data 8 bits long
1 1 0 : UART mode transfer data 9 bits long
Other than above : Do not set.
SMD1
SMD2
b7 b6 b5 b4
0
RW
b3 b2 b1 b0
SMD0
RW
UARTi Bit Rate Register (i = 0 or 2)
(1, 2, 3)
Symbol
Address
After Reset
U0BRG
00A1h
Undefined
U2BRG
0161h
Undefined
Setting Range
RW
NOTES:
1.
2.
3.
b0
Use the MOV instruction to w rite to this register.
WO
Write to this register w hile the serial I/O is neither transmitting nor receiving.
00h to FFh
Function
Assuming the set value is n, UiBRG divides the count source by n+1
After setting the CLK0 to CLK1 bits of the UiC0 register, w rite to the UiBRG register.
b7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com