Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 339 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 339 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 335Page - Renesas Technology Corp R8C2K Datasheet HTML 336Page - Renesas Technology Corp R8C2K Datasheet HTML 337Page - Renesas Technology Corp R8C2K Datasheet HTML 338Page - Renesas Technology Corp R8C2K Datasheet HTML 339Page - Renesas Technology Corp R8C2K Datasheet HTML 340Page - Renesas Technology Corp R8C2K Datasheet HTML 341Page - Renesas Technology Corp R8C2K Datasheet HTML 342Page - Renesas Technology Corp R8C2K Datasheet HTML 343Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 471 page
background image
R8C/2K Group, R8C/2L Group
17. Serial Interface
Rev.1.10
Dec 21, 2007
Page 322 of 450
REJ09B0406-0110
17.1
Clock Synchronous Serial I/O Mode
In clock synchronous serial I/O mode, data is transmitted and received using a transfer clock.
Table 17.1 lists the Clock Synchronous Serial I/O Mode Specifications. Table 17.2 lists the Registers Used and
Settings in Clock Synchronous Serial I/O Mode.
i = 0 or 2
NOTES:
1. If an external clock is selected, ensure that the external clock is “H” when the CKPOL bit in the UiC0
register is set to 0 (transmit data output at falling edge and receive data input at rising edge of
transfer clock), and that the external clock is “L” when the CKPOL bit is set to 1 (transmit data output
at rising edge and receive data input at falling edge of transfer clock).
2. If an overrun error occurs, the receive data (b0 to b8) of the UiRB register will be undefined. The IR
bit in the SiRIC register remains unchanged.
Table 17.1
Clock Synchronous Serial I/O Mode Specifications
Item
Specification
Transfer data format
• Transfer data length: 8 bits
Transfer clocks
• CKDIR bit in UiMR register is set to 0 (internal clock): fi/(2(n+1))
fi = f1, f8, f32 n = value set in UiBRG register: 00h to FFh
• The CKDIR bit is set to 1 (external clock): input from CLKi pin
Transmit start conditions
• Before transmission starts, the following requirements must be met(1)
- The TE bit in the UiC1 register is set to 1 (transmission enabled)
- The TI bit in the UiC1 register is set to 0 (data in the UiTB register)
Receive start conditions
• Before reception starts, the following requirements must be met(1)
- The RE bit in the UiC1 register is set to 1 (reception enabled)
- The TE bit in the UiC1 register is set to 1 (transmission enabled)
- The TI bit in the UiC1 register is set to 0 (data in the UiTB register)
Interrupt request
generation timing
• When transmitting, one of the following conditions can be selected
- The UiIRS bit is set to 0 (transmit buffer empty):
When transferring data from the UiTB register to UARTi transmit register
(when transmission starts).
- The UiIRS bit is set to 1 (transmission completes):
When completing data transmission from UARTi transmit register.
• When receiving
When data transfer from the UARTi receive register to the UiRB register
(when reception completes).
Error detection
• Overrun error(2)
This error occurs if the serial interface starts receiving the next data item
before reading the UiRB register and receives the 7th bit of the next data.
Select functions
• CLK polarity selection
Transfer data input/output can be selected to occur synchronously with the
rising or the falling edge of the transfer clock.
• LSB first, MSB first selection
Whether transmitting or receiving data begins with bit 0 or begins with bit 7
can be selected.
• Continuous receive mode selection
Receive is enabled immediately by reading the UiRB register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com