Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 337 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 337 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 333Page - Renesas Technology Corp R8C2K Datasheet HTML 334Page - Renesas Technology Corp R8C2K Datasheet HTML 335Page - Renesas Technology Corp R8C2K Datasheet HTML 336Page - Renesas Technology Corp R8C2K Datasheet HTML 337Page - Renesas Technology Corp R8C2K Datasheet HTML 338Page - Renesas Technology Corp R8C2K Datasheet HTML 339Page - Renesas Technology Corp R8C2K Datasheet HTML 340Page - Renesas Technology Corp R8C2K Datasheet HTML 341Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 337 / 471 page
background image
R8C/2K Group, R8C/2L Group
17. Serial Interface
Rev.1.10
Dec 21, 2007
Page 320 of 450
REJ09B0406-0110
Figure 17.5
Registers U0C1, U2C1 and U0RB, U2RB
UARTi Transmit/Receive Control Register 1 (i = 0 or 2)
Symbol
Address
After Reset
U0C1
00A5h
00000010b
U2C1
0165h
00000010b
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
—
(b6)
Reserved bit
Set to 0.
RW
b0
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
Transmit enable bit
0 : Disables transmission
1 : Enables transmission
Transmit buffer empty flag
0 : Disables reception
1 : Enables reception
UiIRS
b3 b2 b1
—
Receive enable bit
b7 b6 b5 b4
0
RW
TI
RO
0 : Data in UiTB register
1 : No data in UiTB register
TE
RO
RW
RI
Receive complete flag(1)
0 : No data in UiRB register
1 : Data in UiRB register
RE
Set the UiRRM bit to 0 (disables continuous receive mode) in UART mode.
UARTi transmit interrupt cause
select bit
0 : Transmission buffer empty (TI=1)
1 : Transmission completed (TXEPT=1)
RW
UiRRM
UARTi continuous receive mode
enable bit(2)
0 : Disables continuous receive mode
1 : Enables continuous receive mode
RW
The RI bit is set to 0 w hen the higher byte of the UiRB register is read out.
—
(b7)
UARTi Receive Buffer Register (i = 0 or 2)
(1)
Symbol
After Reset
U0RB
Undefined
U2RB
Undefined
RW
NOTES:
1.
2.
Nothing is assigned. If necessary, set to 0.
When read, the content is undefined.
—
(b11-b9)
Read out the UiRB register in 16-bit units.
Bits SUM, PER, FER, and OER are set to 0 (no error) w hen bits SMD2 to SMD0 in the UiMR register are set to 000b
(serial interface disabled) or the RE bit in the UiC1 register is set to 0 (receive disabled). The SUM bit is set to 0 (no
error) w hen bits PER, FER, and OER are set to 0 (no error). Bits PER and FER are set to 0 even w hen the higher byte
of the UiRB register is read out.
Also, bits PER and FER are set to 0 w hen reading the high-order byte of the UiRB register.
RO
SUM
Error sum flag(2)
0 : No error
1 : Error
PER
Parity error flag(2)
0 : No parity error
1 : Parity error
RO
FER
Framing error flag(2)
0 : No framing error
1 : Framing error
RO
OER
Overrun error flag(2)
0 : No overrun error
1 : Overrun error
RO
Bit Symbol
Bit Name
Address
00A7h-00A6h
0167h-0166h
(b8)
b0
(b15)
b7
b0
b7
—
—
(b7-b0)
—
Function
Receive data (D7 to D0)
RO
Receive data (D8)
RO
—
(b8)
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com