Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 336 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 336 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 332Page - Renesas Technology Corp R8C2K Datasheet HTML 333Page - Renesas Technology Corp R8C2K Datasheet HTML 334Page - Renesas Technology Corp R8C2K Datasheet HTML 335Page - Renesas Technology Corp R8C2K Datasheet HTML 336Page - Renesas Technology Corp R8C2K Datasheet HTML 337Page - Renesas Technology Corp R8C2K Datasheet HTML 338Page - Renesas Technology Corp R8C2K Datasheet HTML 339Page - Renesas Technology Corp R8C2K Datasheet HTML 340Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 471 page
background image
R8C/2K Group, R8C/2L Group
17. Serial Interface
Rev.1.10
Dec 21, 2007
Page 319 of 450
REJ09B0406-0110
Figure 17.4
Registers U0TB, U2TB and U0C0, U2C0
UARTi Transmit/Receive Control Register 0 (i = 0 or 2)
Symbol
Address
After Reset
U0C0
00A4h
00001000b
U2C0
0164h
00001000b
Bit Symbol
Bit Name
Function
RW
NOTE:
1.
b3 b2
TXEPT
b1 b0
0
CLK0
—
Reserved bit
b7 b6 b5 b4
—
(b2)
CKPOL
CLK1
RW
BRG count source select
bits(1)
b1 b0
0 0 : Selects f1
0 1 : Selects f8
1 0 : Selects f32
1 1 : Do not set.
RW
RW
RO
—
(b4)
CLK polarity select bit
0 : Transmit data is output at falling edge of transfer
clock and receive data is input at rising edge
1 : Transmit data is output at rising edge of transfer
clock and receive data is input at falling edge
Set to 0.
Transmit register empty
flag
0 : Data in transmit register (during transmit)
1 : No data in transmit register (transmit completed)
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
RW
RW
If the BRG count source is sw itched, set the UiBRG register again.
RW
Data output select bit
0 : TXDi pin is for CMOS output
1 : TXDi pin is for N-channel open-drain output
UFORM
Transfer format select bit 0 : LSB first
1 : MSB first
NCH
UARTi Transmit Buffer Register (i = 0 or 2)
(1, 2)
Symbol
Address
After Reset
U0TB
00A3h-00A2h
Undefined
U2TB
0163h-0162h
Undefined
RW
NOTES:
1.
2.
(b15)
b7
(b8)
b0
b0
b7
When the transfer data length is 9 bits, w rite data to high byte first, then low byte.
Use the MOV instruction to w rite to this register.
Function
WO
—
Transmit data
Nothing is assigned. If necessary, set to 0.
When read, the content is undefined.
—
(b8-b0)
—
(b15-b9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com