Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 340 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 340 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 336Page - Renesas Technology Corp R8C2K Datasheet HTML 337Page - Renesas Technology Corp R8C2K Datasheet HTML 338Page - Renesas Technology Corp R8C2K Datasheet HTML 339Page - Renesas Technology Corp R8C2K Datasheet HTML 340Page - Renesas Technology Corp R8C2K Datasheet HTML 341Page - Renesas Technology Corp R8C2K Datasheet HTML 342Page - Renesas Technology Corp R8C2K Datasheet HTML 343Page - Renesas Technology Corp R8C2K Datasheet HTML 344Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 340 / 471 page
background image
R8C/2K Group, R8C/2L Group
17. Serial Interface
Rev.1.10
Dec 21, 2007
Page 323 of 450
REJ09B0406-0110
i = 0 or 2
NOTE:
1. Set bits which are not in this table to 0 when writing to the above registers in clock synchronous
serial I/O mode.
Table 17.3 lists the I/O Pin Functions in Clock Synchronous Serial I/O Mode. The TXDi pin outputs “H” level
between the operating mode selection of UARTi (i = 0 or 2) and transfer start. (If the NCH bit is set to 1 (N-channel
open-drain output), this pin is in a high-impedance state.)
Table 17.2
Registers Used and Settings in Clock Synchronous Serial I/O Mode(1)
Register
Bit
Function
UiTB
0 to 7
Set data transmission
UiRB
0 to 7
Data reception can be read
OER
Overrun error flag
UiBRG
0 to 7
Set bit rate
UiMR
SMD2 to SMD0
Set to 001b
CKDIR
Select the internal clock or external clock
UiC0
CLK1 to CLK0
Select the count source in the UiBRG register
TXEPT
Transmit register empty flag
NCH
Select TXDi pin output mode
CKPOL
Select the transfer clock polarity
UFORM
Select the LSB first or MSB first
UiC1
TE
Set this bit to 1 to enable transmission/reception
TI
Transmit buffer empty flag
RE
Set this bit to 1 to enable reception
RI
Reception complete flag
UiIRS
Select the UARTi transmit interrupt source
UiRRM
Set this bit to 1 to use continuous receive mode
Table 17.3
I/O Pin Functions in Clock Synchronous Serial I/O Mode
Pin Name
Function
Selection Method
TXD0 (P1_4)
Output serial data
(Outputs dummy data when performing reception only)
RXD0 (P1_5)
Input serial data
PD1_5 bit in PD1 register = 0
(P1_5 can be used as an input port when performing
transmission only)
CLK0 (P1_6)
Output transfer clock
CKDIR bit in U0MR register = 0
Input transfer clock
CKDIR bit in U0MR register = 1
PD1_6 bit in PD1 register = 0
TXD2 (P0_1)
Output serial data
(Outputs dummy data when performing reception only)
RXD2 (P0_2)
Input serial data
PD0_2 bit in PD0 register = 0
(P0_2 can be used as an input port when performing
transmission only)
CLK2 (P0_3)
Output transfer clock
CKDIR bit in U2MR register = 0
Input transfer clock
CKDIR bit in U2MR register = 1
PD0_3 bit in PD0 register = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com