Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 341 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 341 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 337Page - Renesas Technology Corp R8C2K Datasheet HTML 338Page - Renesas Technology Corp R8C2K Datasheet HTML 339Page - Renesas Technology Corp R8C2K Datasheet HTML 340Page - Renesas Technology Corp R8C2K Datasheet HTML 341Page - Renesas Technology Corp R8C2K Datasheet HTML 342Page - Renesas Technology Corp R8C2K Datasheet HTML 343Page - Renesas Technology Corp R8C2K Datasheet HTML 344Page - Renesas Technology Corp R8C2K Datasheet HTML 345Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 471 page
background image
R8C/2K Group, R8C/2L Group
17. Serial Interface
Rev.1.10
Dec 21, 2007
Page 324 of 450
REJ09B0406-0110
Figure 17.7
Transmit and Receive Timing Example in Clock Synchronous Serial I/O Mode
Transfer clock
D0
TE bit in UiC1
register
TXDi
• Example of transmit timing (when internal clock is selected)
Set data in UiTB register
Transfer from UiTB register to UARTi transmit register
TC
CLKi
TCLK
Stop pulsing because the TE bit is set to 0
D1
D2
D3
D4
D5
D6
D7
D0
D1
D2
D3
D4
D5
D6
D7
D0
D1
D2
D3
D4
D5
D6
D7
TC=TCLK=2(n+1)/fi
fi: Frequency of UiBRG count source (f1, f8, f32)
n: Setting value to UiBRG register
The above applies under the following settings:
• CKDIR bit in UiMR register = 0 (internal clock)
• CKPOL bit in UiC0 register = 0 (output transmit data at the falling edge and input receive data at the rising edge of the transfer clock)
• UiIRS bit in UiC1 register = 0 (an interrupt request is generated when the transmit buffer is empty)
D0
Set to 0 when interrupt request is acknowledged, or set by a program
Write dummy data to UiTB register
Transfer from UiTB register to UARTi transmit register
1/fEXT
D1
D2
D3
D4
D5
D6
D7
D0
D1
D2
D3
D4
D5
Receive data is taken in
Read out from UiRB register
Transfer from UARTi receive register to
UiRB register
TI bit in UiC1
register
1
0
1
0
1
0
1
0
TXEPT bit in
UiC0 register
IR bit in SiTIC
register
Set to 0 when interrupt request is acknowledged, or set by a program
• Example of receive timing (when external clock is selected)
RE bit in UiC1
register
TE bit in UiC1
register
TI bit in UiC1
register
1
0
1
0
1
0
RI bit in UiC1
register
IR bit in SiRIC
register
1
0
1
0
CLKi
RXDi
The above applies under the following settings:
• CKDIR bit in UiMR register = 1 (external clock)
• CKPOL bit in UiC0 register = 0 (output transmit data at the falling edge and input receive data at the rising edge of the transfer clock)
The following conditions are met when “H” is applied to the CLKi pin before receiving data:
• TE bit in UiC1 register = 1 (enables transmit)
• RE bit in UiC1 register = 1 (enables receive)
• Write dummy data to the UiTB register
fEXT: Frequency of external clock
i = 0 or 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com