Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 330 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 330 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 326Page - Renesas Technology Corp R8C2K Datasheet HTML 327Page - Renesas Technology Corp R8C2K Datasheet HTML 328Page - Renesas Technology Corp R8C2K Datasheet HTML 329Page - Renesas Technology Corp R8C2K Datasheet HTML 330Page - Renesas Technology Corp R8C2K Datasheet HTML 331Page - Renesas Technology Corp R8C2K Datasheet HTML 332Page - Renesas Technology Corp R8C2K Datasheet HTML 333Page - Renesas Technology Corp R8C2K Datasheet HTML 334Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 313 of 450
REJ09B0406-0110
• The TRD1 register counts 1, 0, FFFFh, 0, 1, in that order, when changing from decrement to increment
operation.
The UDF bit is set to 1 when changing between 1, 0, and FFFFh operation. Also, when bits CMD1 to
CMD0 in the TRDFCR register are set to 10b (complementary PWM mode, buffer data transferred at
underflow in the TRD1 register), the content in the buffer registers (TRDGRD0, TRDGRC1, and
TRDGRD1) is transferred to the general registers (TRDGRB0, TRDGRA1, and TRDGRB1). During
FFFFh, 0, 1 operation, data are not transferred to registers such as the TRDGRB0 register. Also, at this
time, the OVF bit remains unchanged.
Figure 16.148 Operation when TRD1 Register Underflows in Complementary PWM Mode
No change
UDF bit in
TRDSR0 register
Transferred from
buffer register
TRDGRB0 register
TRDGRA1 register
TRDGRB1 register
Count value in TRD0
register
Set to 0 by a program
Not transferred from buffer register
When bits CMD1 to CMD0 in the
TRDFCR register are set to 10b
(transfer from the buffer register to the
general register when the TRD1 register
underflows).
OVF bit in
TRDSR0 register
FFFFh
1
0
1
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com