Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 329 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 329 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 325Page - Renesas Technology Corp R8C2K Datasheet HTML 326Page - Renesas Technology Corp R8C2K Datasheet HTML 327Page - Renesas Technology Corp R8C2K Datasheet HTML 328Page - Renesas Technology Corp R8C2K Datasheet HTML 329Page - Renesas Technology Corp R8C2K Datasheet HTML 330Page - Renesas Technology Corp R8C2K Datasheet HTML 331Page - Renesas Technology Corp R8C2K Datasheet HTML 332Page - Renesas Technology Corp R8C2K Datasheet HTML 333Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 329 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 312 of 450
REJ09B0406-0110
• If the value in the TRDGRA0 register is assumed to be m, the TRD0 register counts m-1, m, m+1, m, m-1,
in that order, when changing from increment to decrement operation.
When changing from m to m+1, the IMFA bit is set to 1. Also, bits CMD1 to CMD0 in the TRDFCR
register are set to 11b (complementary PWM mode, buffer data transferred at compare match between
registers TRD0 and TRDGRA0), the content in the buffer registers (TRDGRD0, TRDGRC1, and
TRDGRD1) is transferred to the general registers (TRDGRB0, TRDGRA1, and TRDGRB1).
During m+1, m, and m-1 operation, the IMFA bit remains unchanged and data are not transferred to
registers such as the TRDGRA0 register.
Figure 16.147 Operation at Compare Match between Registers TRD0 and TRDGRA0 in
Complementary PWM Mode
No change
IMFA bit in
TRDSR0 register
Transferred from
buffer register
TRDGRB0 register
TRDGRA1 register
TRDGRB1 register
Count value in TRD0
register
Setting value in
TRDGRA0
register
m
m+1
Set to 0 by a program
Not transferred from buffer register
When bits CMD1 to CMD0 in the
TRDFCR register are set to 11b
(transfer from the buffer register to the
general register at compare match of
between registers TRD0 and
TRDGRA0).
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com