Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 367 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 367 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 363Page - Renesas Technology Corp M32C/8B Datasheet HTML 364Page - Renesas Technology Corp M32C/8B Datasheet HTML 365Page - Renesas Technology Corp M32C/8B Datasheet HTML 366Page - Renesas Technology Corp M32C/8B Datasheet HTML 367Page - Renesas Technology Corp M32C/8B Datasheet HTML 368Page - Renesas Technology Corp M32C/8B Datasheet HTML 369Page - Renesas Technology Corp M32C/8B Datasheet HTML 370Page - Renesas Technology Corp M32C/8B Datasheet HTML 371Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 367 / 406 page
background image
Under development
M32C/8B Group
24. Electrical Characteristics
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 350 of 385
Timing Requirements
(VCC1 = VCC2 = 3.0 to 3.6 V, VSS = 0 V, Topr = -20 to 85
°C unless otherwise specified)
Table 24.34
External Clock Input
Table 24.35
Timer A Input (Count Source Input in Event Counter Mode)
i = 0 to 4
Table 24.36
Timer A Input (Gate Signal Input in Timer Mode)
i = 0 to 4
Table 24.37
Timer A Input (External Trigger Input in One-Shot Timer Mode)
i = 0 to 4
Table 24.38
Timer A Input (External Trigger Input in Pulse Width Modulation Mode)
i = 0 to 4
Symbol
Parameter
Standard
Unit
Min.
Max.
tc
External clock input cycle time
62.5
ns
tw(H)
External clock input high (“H”) pulse width
27.5
ns
tw(L)
External clock input low (“L”) pulse width
27.5
ns
tr
External clock rise time
5
ns
tf
External clock fall time
5
ns
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TA)
TAiIN input cycle time
100
ns
tw(TAH)
TAiIN input high (“H”) pulse width
40
ns
tw(TAL)
TAiIN input low (“L”) pulse width
40
ns
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TA)
TAiIN input cycle time
400
ns
tw(TAH)
TAiIN input high (“H”) pulse width
200
ns
tw(TAL)
TAiIN input low (“L”) pulse width
200
ns
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TA)
TAiIN input cycle time
200
ns
tw(TAH)
TAiIN input high (“H”) pulse width
100
ns
tw(TAL)
TAiIN input low (“L”) pulse width
100
ns
Symbol
Parameter
Standard
Unit
Min.
Max.
tw(TAH)
TAiIN input high (“H”) pulse width
100
ns
tw(TAL)
TAiIN input low (“L”) pulse width
100
ns
VCC1 = VCC2 = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com