Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 370 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 370 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 366Page - Renesas Technology Corp M32C/8B Datasheet HTML 367Page - Renesas Technology Corp M32C/8B Datasheet HTML 368Page - Renesas Technology Corp M32C/8B Datasheet HTML 369Page - Renesas Technology Corp M32C/8B Datasheet HTML 370Page - Renesas Technology Corp M32C/8B Datasheet HTML 371Page - Renesas Technology Corp M32C/8B Datasheet HTML 372Page - Renesas Technology Corp M32C/8B Datasheet HTML 373Page - Renesas Technology Corp M32C/8B Datasheet HTML 374Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 370 / 406 page
background image
Under development
M32C/8B Group
24. Electrical Characteristics
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 353 of 385
Timing Requirements
(VCC1 = VCC2 = 3.0 to 3.6 V, VSS = 0 V, Topr = -20 to 85
°C unless otherwise specified)
Table 24.47
Memory Expansion Mode and Microprocessor Mode
NOTE:
1. Values, which depend on BCLK frequency and external bus cycles, can be obtained from the following
equations. Insert wait states or lower the operation frequency, f(BCLK), if the calculated value is negative.
109 × m
f(BCLK) × 2
- 35 [ns] (if external bus cycle is a
φ + bφ, m = (b × 2) + 1)
tac1(RD-DB) =
109 × n
f(BCLK)
- 35 [ns] (if external bus cycle is a
φ + bφ, n = a + b)
tac1(AD-DB) =
109 × m
f(BCLK) × 2
- 35 [ns] (if external bus cycle is a
φ + bφ, m = (b × 2) - 1)
tac2(RD-DB) =
109 × p
f(BCLK) × 2
- 35 [ns] (if external bus cycle is a
φ + bφ, p = {(a + b - 1) × 2} + 1)
tac2(AD-DB) =
Symbol
Parameter
Standard
Unit
Min.
Max.
tac1(RD-DB)
Data input access time (RD standard)
(note 1)
ns
tac1(AD-DB)
Data input access time (AD standard, CS standard)
(note 1)
ns
tac2(RD-DB)
Data input access time (RD standard, when accessing a space with the
multiplexed bus)
(note 1)
ns
tac2(AD-DB)
Data input access time (AD standard, when accessing a space with the
multiplexed bus)
(note 1)
ns
tsu(DB-BCLK)
Data input setup time
30
ns
tsu(RDY-BCLK)
RDY input setup time
40
ns
tsu(HOLD-BCLK) HOLD input setup time
60
ns
th(RD-DB)
Data input hold time
0
ns
th(BCLK-RDY)
RDY input hold time
0
ns
th(BCLK-HOLD)
HOLD input hold time
0
ns
td(BCLK-HLDA)
HLDA output delay time
25
ns
VCC1 = VCC2 = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com