Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 123 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 123 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 119Page - Renesas Technology Corp M32C/8B Datasheet HTML 120Page - Renesas Technology Corp M32C/8B Datasheet HTML 121Page - Renesas Technology Corp M32C/8B Datasheet HTML 122Page - Renesas Technology Corp M32C/8B Datasheet HTML 123Page - Renesas Technology Corp M32C/8B Datasheet HTML 124Page - Renesas Technology Corp M32C/8B Datasheet HTML 125Page - Renesas Technology Corp M32C/8B Datasheet HTML 126Page - Renesas Technology Corp M32C/8B Datasheet HTML 127Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 406 page
background image
Under development
M32C/8B Group
11. Interrupts
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 106 of 385
11.6.3
Interrupt Sequence
The interrupt sequence is performed between an interrupt request acknowledgment and interrupt routine
execution.
When an interrupt request is generated while an instruction is being executed, the CPU determines its interrupt
priority after the instruction in progress is completed. Then, the CPU starts the interrupt sequence from the
following cycle. However, for the SCMPU, SIN, SMOVB, SMOVF, SMOVU, SSTR, SOUT, and RMPA
instructions, if an interrupt request is generated while one of these instructions is being executed, the MCU
suspends the instruction execution to start the interrupt sequence.
The interrupt sequence is performed as indicated below:
(1) The CPU obtains the interrupt number by reading the address 000000h (address 000002h for the high-
speed interrupt). Then, the corresponding IR bit to the interrupt becomes 0 (interrupt not requested).
(2) The FLG register value, immediately before the interrupt sequence, is saved to a temporary register(1) in
the CPU.
(3) Each bit in the FLG register becomes as follows:
The I flag becomes 0 (interrupt disabled)
The D flag becomes 0 (single-step interrupt disabled)
The U flag becomes 0 (ISP selected)
(4) The internal register value (the FLG register value saved in (2)) in the CPU is saved to the stack; or to
the SVF register for the high-speed interrupt.
(5) The PC value is saved to the stack; or to the SVP register for the high-speed interrupt.
(6) The interrupt priority level of the acknowledged interrupt becomes the IPL level.
(7) An interrupt vector corresponding to the acknowledged interrupt is stored into PC.
After the interrupt sequence is completed, the CPU executes the instruction from the starting address of the
interrupt routine.
NOTE:
1. Temporary register cannot be accessed by users.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com