Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 120 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 120 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 116Page - Renesas Technology Corp M32C/8B Datasheet HTML 117Page - Renesas Technology Corp M32C/8B Datasheet HTML 118Page - Renesas Technology Corp M32C/8B Datasheet HTML 119Page - Renesas Technology Corp M32C/8B Datasheet HTML 120Page - Renesas Technology Corp M32C/8B Datasheet HTML 121Page - Renesas Technology Corp M32C/8B Datasheet HTML 122Page - Renesas Technology Corp M32C/8B Datasheet HTML 123Page - Renesas Technology Corp M32C/8B Datasheet HTML 124Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 406 page
background image
Under development
M32C/8B Group
11. Interrupts
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 103 of 385
Figure 11.4
Interrupt Control Register (1/2)
b7 b6 b5 b4
b1
b2
b3
Interrupt Control Register
Symbol
TA0IC to TA4IC
TB0IC to TB5IC
S0TIC to S4TIC
S0RIC to S4RIC
BCN0IC to BCN4IC
DM0IC to DM3IC
AD0IC
KUPIC
Address
006Ch, 008Ch, 006Eh, 008Eh, 0070h
0094h, 0076h, 0096h, 0078h, 0098h, 0069h
0090h, 0092h, 0089h, 008Bh, 008Dh
0072h, 0074h, 006Bh, 006Dh, 006Fh
0071h, 0091h, 008Fh, 0071h(1), 0091h(2)
0068h, 0088h, 006Ah, 008Ah
0073h
0093h
Bit Symbol
Bit Name
RW
ILVL0
After Reset
XXXX X000b
XXXX X000b
XXXX X000b
XXXX X000b
XXXX X000b
XXXX X000b
XXXX X000b
XXXX X000b
NOTES:
1. The BCN0IC register shares the address with the BCN3IC register.
2. The BCN1IC register shares the address with the BCN4IC register.
3. The IR bit can be set to 0 only. Do not set to 1.
b0
Function
Interrupt priority level select bits
ILVL1
ILVL2
b2 b1 b0
0 0 0: Level 0 (interrupt disabled)
0 0 1: Level 1
0 1 0: Level 2
0 1 1: Level 3
1 0 0: Level 4
1 0 1: Level 5
1 1 0: Level 6
1 1 1: Level 7
IR
RW
RW
RW
RW
−
(b7-b4)
−
Interrupt request bit(3)
0: Interrupt not requested
1: Interrupt requested
Unimplemented.
Write 0. Read as undefined value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com