Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 117 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 117 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 113Page - Renesas Technology Corp M32C/8B Datasheet HTML 114Page - Renesas Technology Corp M32C/8B Datasheet HTML 115Page - Renesas Technology Corp M32C/8B Datasheet HTML 116Page - Renesas Technology Corp M32C/8B Datasheet HTML 117Page - Renesas Technology Corp M32C/8B Datasheet HTML 118Page - Renesas Technology Corp M32C/8B Datasheet HTML 119Page - Renesas Technology Corp M32C/8B Datasheet HTML 120Page - Renesas Technology Corp M32C/8B Datasheet HTML 121Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 406 page
background image
Under development
M32C/8B Group
11. Interrupts
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 100 of 385
Table 11.2
Relocatable Vector Tables (1/2)
NOTES:
1. These are the addresses offset from the base address set in the INTB register.
2. The I flag can not disable this interrupt.
3. In I2C mode, NACK, ACK, or start/stop condition detection can be the interrupt sources.
Interrupt Source
Vector Table Address
Address (L) to Address (H)(1)
Software
Interrupt Number
Reference
BRK instruction(2)
+0 to +3 (0000h to 0003h)
0
M32C/80 Series
Software Manual
Reserved space
+4 to +31 (0004h to 001Fh)
1 to 7
DMA0
+32 to +35 (0020h to 0023h)
8
DMAC
DMA1
+36 to +39 (0024h to 0027h)
9
DMA2
+40 to +43 (0028h to 002Bh)
10
DMA3
+44 to +47 (002Ch to 002Fh)
11
Timer A0
+48 to +51 (0030h to 0033h)
12
Timer A
Timer A1
+52 to +55 (0034h to 0037h)
13
Timer A2
+56 to +59 (0038h to 003Bh)
14
Timer A3
+60 to +63 (003Ch to 003Fh)
15
Timer A4
+64 to +67 (0040h to 0043h)
16
UART0 transmission, NACK(3)
+68 to +71 (0044h to 0047h)
17
Serial interfaces
UART0 reception, ACK(3)
+72 to +75 (0048h to 004Bh)
18
UART1 transmission, NACK(3)
+76 to +79 (004Ch to 004Fh)
19
UART1 reception, ACK(3)
+80 to +83 (0050h to 0053h)
20
Timer B0
+84 to +87 (0054h to 0057h)
21
Timer B
Timer B1
+88 to +91 (0058h to 005Bh)
22
Timer B2
+92 to +95 (005Ch to 005Fh)
23
Timer B3
+96 to +99 (0060h to 0063h)
24
Timer B4
+100 to +103 (0064h to 0067h)
25
INT5
+104 to +107 (0068h to 006Bh)
26
Interrupts
INT4
+108 to +111 (006Ch to 006Fh)
27
INT3
+112 to +115 (0070h to 0073h)
28
INT2
+116 to +119 (0074h to 0077h)
29
INT1
+120 to +123 (0078h to 007Bh)
30
INT0
+124 to +127 (007Ch to 007Fh)
31
Timer B5
+128 to +131 (0080h to 0083h)
32
Timer B
UART2 transmission, NACK(3)
+132 to +135 (0084h to 0087h)
33
Serial interfaces
UART2 reception, ACK(3)
+136 to +139 (0088h to 008Bh)
34
UART3 transmission, NACK(3)
+140 to +143 (008Ch to 008Fh)
35
UART3 reception, ACK(3)
+144 to +147 (0090h to 0093h)
36
UART4 transmission, NACK(3)
+148 to +151 (0094h to 0097h)
37
UART4 reception, ACK(3)
+152 to +155 (0098h to 009Bh)
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com