Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 118 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 118 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 114Page - Renesas Technology Corp M32C/8B Datasheet HTML 115Page - Renesas Technology Corp M32C/8B Datasheet HTML 116Page - Renesas Technology Corp M32C/8B Datasheet HTML 117Page - Renesas Technology Corp M32C/8B Datasheet HTML 118Page - Renesas Technology Corp M32C/8B Datasheet HTML 119Page - Renesas Technology Corp M32C/8B Datasheet HTML 120Page - Renesas Technology Corp M32C/8B Datasheet HTML 121Page - Renesas Technology Corp M32C/8B Datasheet HTML 122Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 406 page
background image
Under development
M32C/8B Group
11. Interrupts
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 101 of 385
Table 11.3
Relocatable Vector Tables (2/2)
NOTES:
1. These are the addresses offset from the base address set in the INTB register.
2. The I flag can not disable this interrupt.
3. In I2C mode, NACK, ACK, or start/stop condition detection can be the interrupt sources.
4. The IFSR6 bit in the IFSR register selects either UART0 or UART3. The IFSR7 bit selects either UART1 or
UART4.
Interrupt Source
Vector Table Address
Address (L) to Address (H)(1)
Software
Interrupt Number
Reference
Bus conflict detection,
Start condition detection/
Stop condition detection
(UART2)(3)
+156 to +159 (009Ch to 009Fh)
39
Serial interfaces
Bus conflict detection,
Start condition detection/
Stop condition detection
(UART3 or UART0)(4)
+160 to +163 (00A0h to 00A3h)
40
Bus conflict detection,
Start condition detection/
Stop condition detection
(UART4 or UART1)(4)
+164 to +167 (00A4h to 00A7h)
41
A/D0
+168 to +171 (00A8h to 00ABh)
42
A/D converter
Key input
+172 to +175 (00ACh to 00AFh)
43
Interrupts
Reserved space
+176 to +255 (00B0h to 00FFh)
44 to 63
−
INT instruction(2)
+0 to +3 (0000h to 0003h) to
+252 to +255 (00FCh to 00FFh)
0 to 63
Interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com