Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 142 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 142 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 138Page - Renesas Technology Corp M32C/8B Datasheet HTML 139Page - Renesas Technology Corp M32C/8B Datasheet HTML 140Page - Renesas Technology Corp M32C/8B Datasheet HTML 141Page - Renesas Technology Corp M32C/8B Datasheet HTML 142Page - Renesas Technology Corp M32C/8B Datasheet HTML 143Page - Renesas Technology Corp M32C/8B Datasheet HTML 144Page - Renesas Technology Corp M32C/8B Datasheet HTML 145Page - Renesas Technology Corp M32C/8B Datasheet HTML 146Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 406 page
background image
Under development
M32C/8B Group
13. DMAC
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 125 of 385
Figure 13.4
DRA0 to DRA3 Registers, DCT0 to DCT3 Registers, DRC0 to DRC3 Registers
b23
Symbol
DRA0
DRA1
DRA2 (SVP)(2)
DRA3 (VCT)(3)
Address
(CPU internal register)
(CPU internal register)
(CPU internal register)
(CPU internal register)
After Reset
XXXXXXh
XXXXXXh
XXXXXXh
XXXXXXh
b0
Function
RW
DMAi Memory Address Reload Register(1) (i = 0 to 3)
RW
Set an incremented source address or incremented destination
address
NOTES:
1. Use the LDC instruction to set registers DRA0 to DRA3.
2. To set the DRA2 register, write to the SVP register.
3. To set the DRA3 register, write to the VCT register.
Setting Range
000000h to FFFFFFh
(16 Mbytes)
b16 b15
b8 b7
Symbol
DCT0(2)
DCT1(2)
DCT2 (bank1:R0)(3)
DCT3 (bank1:R1)(4)
Address
(CPU internal register)
(CPU internal register)
(CPU internal register)
(CPU internal register)
After Reset
XXXXh
XXXXh
0000h
0000h
Function
RW
DMAi Transfer Count Register (i = 0 to 3)
RW
Set the number of transfers
NOTES:
1. When the DCTi register is set to 0000h, no data transfer occurs regardless of a DMA request generation.
2. Use the LDC instruction to set registers DCT0 and DCT1.
3. To set the DCT2 register, set the B flag in the FLG register to 1 (register bank 1) and write to the R0 register.
4. To set the DCT3 register, set the B flag to 1 and write to the R1 register.
Setting Range
0000h to FFFFh(1)
b15
b0
b8 b7
b15
Symbol
DRC0(1)
DRC1(1)
DRC2 (bank1:R2)(2)
DRC3 (bank1:R3)(3)
Address
(CPU internal register)
(CPU internal register)
(CPU internal register)
(CPU internal register)
After Reset
XXXXh
XXXXh
0000h
0000h
b0
Function
RW
DMAi Transfer Count Reload Register (i = 0 to 3)
RW
Set the number of transfers
NOTES:
1. Use the LDC instruction to set registers DRC0 and DRC1.
2. To set the DRC2 register, set the B flag in the FLG register to 1 (register bank 1) and write to the R2 register.
3. To set the DRC3 register, set the B flag to 1 and write to the R3 register.
Setting Range
0000h to FFFFh
b8 b7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com