Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 145 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 145 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 141Page - Renesas Technology Corp M32C/8B Datasheet HTML 142Page - Renesas Technology Corp M32C/8B Datasheet HTML 143Page - Renesas Technology Corp M32C/8B Datasheet HTML 144Page - Renesas Technology Corp M32C/8B Datasheet HTML 145Page - Renesas Technology Corp M32C/8B Datasheet HTML 146Page - Renesas Technology Corp M32C/8B Datasheet HTML 147Page - Renesas Technology Corp M32C/8B Datasheet HTML 148Page - Renesas Technology Corp M32C/8B Datasheet HTML 149Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 406 page
background image
Under development
M32C/8B Group
13. DMAC
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 128 of 385
Figure 13.7
Register Settings When Using DMA0 or DMA1
DMD0 register: bits MD01 and MD00 = 00b
bits MD11 and MD10 = 00b
DMA disabled for channel 0
DMA disabled for channel 1
Write with LDC instruction
Start
i = 0, 1
NOTES:
1. When setting the DMiSL register, write a 1 to the DRQ bit.
2. When the INT interrupts are selected as a DMA request source, do not write a 1 to the DCTi register. If the DCTi register is
1, do not generate a DMA request when writing 01b or 11b to bits MDi1 and MDi0.
3. Wait six CPU clock cycles or more by a program to set bits MDi1 and MDi0 to 01b or 11b after setting the DMiSL register.
4. When a DMA transfer is started by the software trigger, set both the DSR and DRQ bit in the DMiSL register to 1 at the
same time.
DMA request source select bits
DMA requested
Set an incremented source address or
incremented destination address
Set a fixed source address or
fixed destination address
Set an incremented source address or
incremented destination address
Set the number of transfers(2)
Transfer mode select bits for channel 0
Transfer unit select bit for channel 0
Transfer direction select bit for channel 0
Transfer mode select bits for channel 1
Transfer unit select bit for channel 1
Transfer direction select bit for channel 1
End
Write with LDC instruction
Write with LDC instruction
(note 1)
(note 4)
Set the number of transfers, which is to be
reloaded
<When using repeat transfer>
Write with LDC instruction
<When using repeat transfer>
Write with LDC instruction
Write with LDC instruction
DMiSL register: bits DSEL4 to DSEL0
DSR bit = 0
DRQ bit = 1
DMAi register
DSAi register
DRAi register
DCTi register
DRCi register
DMD0 register: bits MD01 and MD00
BW0 bit
RW0 bit
bits MD11 and MD10
BW1 bit
RW1 bit
Start the peripheral function
used as DMAi request source
Set the peripheral function
used as DMAi request source
Set the control registers of the peripheral function,
but do not yet start.
(note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com