Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 152 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 152 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 148Page - Renesas Technology Corp M32C/8B Datasheet HTML 149Page - Renesas Technology Corp M32C/8B Datasheet HTML 150Page - Renesas Technology Corp M32C/8B Datasheet HTML 151Page - Renesas Technology Corp M32C/8B Datasheet HTML 152Page - Renesas Technology Corp M32C/8B Datasheet HTML 153Page - Renesas Technology Corp M32C/8B Datasheet HTML 154Page - Renesas Technology Corp M32C/8B Datasheet HTML 155Page - Renesas Technology Corp M32C/8B Datasheet HTML 156Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 406 page
background image
Under development
M32C/8B Group
14. DMACII
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 135 of 385
14.1.2
DMACII Index
The DMACII index is an 8- to 32-byte data table, which stores parameters for transfer mode, transfer counter,
source address (or immediate data), operation address as an address to be calculated, destination address, chain
transfer address, and end-of-transfer interrupt address.
The DMACII index must be located on the RAM area.
Figure 14.2 shows a configuration of the DMACII index. Table 14.2 lists an example configuration of the
DMACII index.
Figure 14.2
DMACII Index
Details of the DMACII index are described below. Set these parameters in the specified order listed in Table
14.2, depending on DMACII transfer mode.
• Transfer mode (MOD)
MOD is two-byte data and required to set transfer mode. Figure 14.3 shows a configuration for transfer mode.
• Transfer counter (COUNT)
COUNT is two-byte data and required to set the number of transfer.
• Transfer source address (SADR)
SADR is two-byte data and required to set a source memory address or immediate data.
• Operation address (OADR)
OADR is two-byte data and required to set a memory address to be calculated. Set this data only when using the
calculation transfer function.
• Transfer destination address (DADR)
DADR is two-byte data and required to set a destination memory address.
• Chain transfer address (CADR)
CADR is four-byte data and required to set the starting address of the DMACII index for the next transfer. Set
this data only when using the chain transfer function.
• End-of-transfer interrupt address (IADR)
IADR is four-byte data and required to set a jump address for end-of-transfer interrupt processing. Set this data
only when using the end-of-transfer interrupt.
The abbreviations shown in parentheses( ) for each parameter are used in this section.
Multiple Transfer
Memory-to-Memory Transfer, Immediate Transfer,
Calculation Transfer
BASE+8
BASE+4
BASE+6
BASE+2
BASE+16
BASE+12
BASE+14
BASE+10
Transfer mode (MOD)
Transfer destination address (DADR)
Transfer source address (or immediate data) (SADR)
Operation address(1) (OADR)
Transfer counter (COUNT)
End-of-Transfer Interrupt Address (higher byte)(3)
(IADR1)
Chain Transfer Address (higher byte)(2) (CADR1)
End-of-Transfer Interrupt Address (lower byte)(3)
(IADR0)
Chain Transfer Address (lower byte)(2) (CADR0)
DMACII Index
Starting Address
(BASE)
16 bits
NOTES:
1. This data is not needed unless using the calculation transfer function.
2. This data is not needed unless using the chain transfer function.
3. This data is not needed unless using the end-of-transfer interrupt.
BASE+8
BASE+4
BASE+6
BASE+2
BASE+30
BASE+28
BASE+10
Transfer mode (MOD)
Transfer source address (SADR2)
Transfer source address (SADR1)
Transfer destination address (DADR1)
Transfer counter (COUNT)
Transfer destination address (DADR7)
Transfer source address (SADR7)
Transfer destination address (DADR2)
BASE
16 bits
Place the DMACII index in the RAM. Necessary data must be set top-aligned without any space. For example, if not using the
calculation transfer function, assign a transfer destination address to BASE+6.
The starting address of the DMACII index must be assigned to the interrupt vector of the peripheral function interrupt triggering
a DMACII request.
to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com