Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 154 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 154 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 150Page - Renesas Technology Corp M32C/8B Datasheet HTML 151Page - Renesas Technology Corp M32C/8B Datasheet HTML 152Page - Renesas Technology Corp M32C/8B Datasheet HTML 153Page - Renesas Technology Corp M32C/8B Datasheet HTML 154Page - Renesas Technology Corp M32C/8B Datasheet HTML 155Page - Renesas Technology Corp M32C/8B Datasheet HTML 156Page - Renesas Technology Corp M32C/8B Datasheet HTML 157Page - Renesas Technology Corp M32C/8B Datasheet HTML 158Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 406 page
background image
Under development
M32C/8B Group
14. DMACII
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 137 of 385
14.1.3
Interrupt Control Register for the Peripheral Function
To use the peripheral function interrupt as a DMACII request source, set bits ILVL2 to ILVL0 to 111b (level 7).
14.1.4
Relocatable Vector Table for the Peripheral Function
Set the starting address of the DMACII index in an interrupt vector for the peripheral function interrupt used as
a DMACII request source. When using the chain transfer, the relocatable vector table must be located in the
RAM.
14.2
DMACII Performance
The DMACII function is selected by setting the DMAII bit to 1 (interrupt priority level 7 is used for DMACII
transfer). DMACII transfer request is generated by interrupt requests from any peripheral function with bits ILVL2
to ILVL0 set to 111b (level 7). These peripheral function interrupt requests are used as DMACII transfer requests
and the peripheral function interrupts cannot be used.
When an interrupt request with bits ILVL2 to ILVL0 set to 111b (level 7) is generated, DMACII is activated
regardless of the I flag and IPL settings.
14.3
Transfer Data
DMACII transfers data in 8-bit units or 16-bit units.
• Memory-to-memory transfer: data is transferred from a given memory location in the 64-Kbyte space
(addresses 00000h to 0FFFFh) to another given memory location in the same space.
• Immediate data transfer: immediate data is transferred to a given memory location in the 64-Kbyte space.
• Calculation transfer: two 8-bit or two 16-bit data are added together and the result is transferred to a given
memory location in the 64-Kbyte space.
When a 16-bit data is transferred to a destination address 0FFFFh, it is transferred to addresses 0FFFFh and
10000h. Likewise, when a source address is 0FFFFh, a 16-bit data in addresses 0FFFFh and 10000h is transferred
to a given destination address.
The actual transferable space varies depending on internal RAM capacity. Refer to Figure 3.1 for the internal
memory.
14.3.1
Memory-to-memory Transfer
Data transfer between any two memory locations in the 64-Kbyte space can be:
• a transfer from a fixed address to another fixed address;
• a transfer from a fixed address to an incremented address;
• a transfer from an incremented address to a fixed address;
• a transfer from an incremented address to another incremented address.
When an incremented address is selected, DMACII increments an address after every transfer for the following
transfer. In a 8-bit data transfer, a transfer address is incremented by one. In a 16-bit data transfer, a transfer
address is incremented by two.
When a source or destination address exceeds 0FFFFh as a result of address incrementation, the source or
destination address returns to 00000h and continues incrementation. Maintain source and destination address at
0FFFFh or below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com