Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 174 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 174 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 170Page - Renesas Technology Corp M32C/8B Datasheet HTML 171Page - Renesas Technology Corp M32C/8B Datasheet HTML 172Page - Renesas Technology Corp M32C/8B Datasheet HTML 173Page - Renesas Technology Corp M32C/8B Datasheet HTML 174Page - Renesas Technology Corp M32C/8B Datasheet HTML 175Page - Renesas Technology Corp M32C/8B Datasheet HTML 176Page - Renesas Technology Corp M32C/8B Datasheet HTML 177Page - Renesas Technology Corp M32C/8B Datasheet HTML 178Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 406 page
background image
Under development
M32C/8B Group
15. Timer A
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 157 of 385
Figure 15.15
Operation in Event Counter Mode When Not Handling Two-Phase Pulse Signals
Count starts
FFFFh
n
Count stops
i = 0 to 4
TAiS bit in the
TABSR register
Contents of the counter
n = contents of the reload
register
0000h
IR bit in the TAiIC
register
0
1
Input to TAiIN pin
(Conditions) TAiMR register: Bits TMOD1 and TMOD0 are set to 01b (event counter mode)
The MR1 bit is set to 1 (rising edges of an external signal counted)
The MR2 bit is set to 0 (UDF register setting)
Bits TCK1 to TCK0 bit are set to 00b (reload)
Underflow
Reload
Overflow
Reload
0
1
Set to 0 by an interrupt request acknowledgement or by a program
Decrement to increment
Count resumes
TAiUD bit in the
UDF register
0
1
Set to 1 by a program
“H”
“L”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com