Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 177 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 177 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 173Page - Renesas Technology Corp M32C/8B Datasheet HTML 174Page - Renesas Technology Corp M32C/8B Datasheet HTML 175Page - Renesas Technology Corp M32C/8B Datasheet HTML 176Page - Renesas Technology Corp M32C/8B Datasheet HTML 177Page - Renesas Technology Corp M32C/8B Datasheet HTML 178Page - Renesas Technology Corp M32C/8B Datasheet HTML 179Page - Renesas Technology Corp M32C/8B Datasheet HTML 180Page - Renesas Technology Corp M32C/8B Datasheet HTML 181Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 406 page
background image
Under development
M32C/8B Group
15. Timer A
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 160 of 385
15.1.2.1
Counter Reset by Two-Phase Pulse Signal Processing
The counter value of timer can be set to 0 by a Z-phase pulse signal input (counter reset) when processing
two-phase pulse signals.
This function can be used when all the following conditions are met; timer A3 event counter mode, two-phase
pulse signal processing, free-running count operation type, and multiply-by-4 processing. The Z-phase pulse
signal is applied to the INT2 pin.
When the TAZIE bit in the ONSF register is set to 1 (Z-phase input enabled), Z-phase pulse input is enabled to
reset the counter. To reset the counter by a Z-phase pulse input, set the TA3 register to 0000h beforehand.
A Z-phase pulse input is enabled when the edge of a signal applied to the INT2 pin is detected. The POL bit in
the INT2IC register can determine the edge polarity. The Z-phase pulse must have a pulse width of one or more
timer A3 count source cycles. Figure 15.17 shows relations between two-phase pulses (A-phase and B-phase)
and the Z-phase pulse.
Z-phase pulse input resets the counter in the next count source timing followed a Z-phase pulse input.
A timer A3 interrupt request is generated twice in a row if a timer A3 overflow or underflow, and the counter
reset by an INT2 input occur at the same time. Do not generate a timer A3 interrupt request when this function
is used.
Figure 15.17
Relations between Two-Phase Pulses (A-Phase and B-Phase) and Z-Phase Pulse
Pulse width of one or more count source cycles is required
NOTE:
1. Example when the rising edge of INT2 is selected.
TA3OUT
(A phase)
m
m + 1
1
23
45
TA3IN
(B phase)
Count source
INT2(1)
(Z phase)
Counter value
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com