Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 180 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 180 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 176Page - Renesas Technology Corp M32C/8B Datasheet HTML 177Page - Renesas Technology Corp M32C/8B Datasheet HTML 178Page - Renesas Technology Corp M32C/8B Datasheet HTML 179Page - Renesas Technology Corp M32C/8B Datasheet HTML 180Page - Renesas Technology Corp M32C/8B Datasheet HTML 181Page - Renesas Technology Corp M32C/8B Datasheet HTML 182Page - Renesas Technology Corp M32C/8B Datasheet HTML 183Page - Renesas Technology Corp M32C/8B Datasheet HTML 184Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 406 page
background image
Under development
M32C/8B Group
15. Timer A
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 163 of 385
15.1.4
Pulse Width Modulation Mode
In pulse width modulation mode, the timer outputs pulse signals of a given width repeatedly. The counter
functions as an 8-bit pulse width modulator or 16-bit pulse width modulator.
Table 15.7 lists specifications of pulse width modulation mode. Figures 15.19 and 15.20 show examples of a
16-bit pulse width modulator and 8-bit pulse width modulator operations.
Table 15.7
Specifications of Pulse Width Modulation Mode
NOTES:
1. Bits CNT3 to CNT0 in the TCSPR register select no division (n = 0) or divide-by-2n (n = 1 to 15).
2. Wait for one or more count source cycles to write after the count starts.
Item
Specification
Count source
f1, f8, f2n(1), fC32
Count operation
• Counter decrements
(The counter functions as the 8-bit or 16-bit pulse width modulator.)
The contents of the reload register are reloaded at the rising edge of the PWM
pulse and the count continues. The count continues without reloading even
if the re-trigger occurs while counting.
16-bit PWM
• “H” width = n / fj
n: setting value of the TAi register (i = 0 to 4), 0000h to FFFEh
fj: count source frequency
•Cycle = (216 - 1) / fj
The cycle is fixed to this value
8-bit PWM
• “H” width = n x (m + 1) / fj
•Cycle = (28 - 1) x (m + 1) / fj
m: setting value of low-order bit address of the TAi register, 00h to FFh
n: setting value of high-order bit address of the TAi register, 00h to FEh
Count start condition
When a trigger is not used (the MR2 bit in the TAiMR register is 0):
Set the TAiS bit in the TABSR register to 1
When a trigger is used (the MR2 bit in the TAiMR register is 1):
A trigger, selectable from the following occurs while the TAiS bit in the TABSR
register is set to 1(count starts):
• an external trigger is applied to TAiIN pin
• timer B2 overflows or underflows
• timer Aj overflows or underflows (j = i - 1, except j = 4 if i = 0)
• timer Ak overflows or underflows (k = i + 1, except k = 0 if i = 4)
Count stop condition
The TAiS bit is set to 0 (count stops)
Interrupt request generation timing At the falling edge of the PWM pulse
TAiIN pin function
Trigger input
TAiOUT pin function
Pulse output
Read from timer
A read from the TAi register returns undefined value
Write to timer
• A write to the TAi register while the count is stopped:
The value is written to both the reload register and the counter.
• A write to the TAi register while counting:
The value is written to the reload register (It is transferred to the counter at the
next reload timing).(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com