Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 184 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 184 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 180Page - Renesas Technology Corp M32C/8B Datasheet HTML 181Page - Renesas Technology Corp M32C/8B Datasheet HTML 182Page - Renesas Technology Corp M32C/8B Datasheet HTML 183Page - Renesas Technology Corp M32C/8B Datasheet HTML 184Page - Renesas Technology Corp M32C/8B Datasheet HTML 185Page - Renesas Technology Corp M32C/8B Datasheet HTML 186Page - Renesas Technology Corp M32C/8B Datasheet HTML 187Page - Renesas Technology Corp M32C/8B Datasheet HTML 188Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 406 page
background image
Under development
M32C/8B Group
15. Timer B
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 167 of 385
Figure 15.22
TB0MR to TB5MR Registers in Timer Mode
b7
0
0
0
b6 b5 b4
b1
b2
b3
Symbol
TB0MR to TB5MR
Address
035Bh, 035Ch, 035Dh, 031Bh, 031Ch, 031Dh
After Reset
00XX 0000b
b0
Function
Bit Symbol
Bit Name
RW
MR3
TCK1
RW
RW
RW
−
MR1
Count source select bits
TCK0
Timer Bi Mode Register (i = 0 to 5)(Timer Mode)
TMOD1
RW
RW
MR0
b1 b0
0 0: Timer mode
Operating mode select bits
TMOD0
RW
Disabled in timer mode.
Can be set to either 0 or 1
Disabled in timer mode.
Write 0. Read as undefined value.
b7 b6
0 0: f1
0 1: f8
1 0: f2n(1)
1 1: fC32
NOTE:
1. Bits CNT3 to CNT0 in the TCSPR register select no division (n = 0) or divide-by-2n (n = 1 to 15). To select f2n,
set the CST bit in the TCSPR register to 1 before setting bits TCK1 and TCK0 to 10b.
MR2
RW
−
Registers TB0MR and TB3MR:
Set to 0 in timer mode.
Registers TB1MR, TB2MR, TB4MR, and TB5MR:
Unimplemented.
Write 0. Read as undefined value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com