Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 182 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 182 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 178Page - Renesas Technology Corp M32C/8B Datasheet HTML 179Page - Renesas Technology Corp M32C/8B Datasheet HTML 180Page - Renesas Technology Corp M32C/8B Datasheet HTML 181Page - Renesas Technology Corp M32C/8B Datasheet HTML 182Page - Renesas Technology Corp M32C/8B Datasheet HTML 183Page - Renesas Technology Corp M32C/8B Datasheet HTML 184Page - Renesas Technology Corp M32C/8B Datasheet HTML 185Page - Renesas Technology Corp M32C/8B Datasheet HTML 186Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 406 page
background image
Under development
M32C/8B Group
15. Timer A
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 165 of 385
Figure 15.20
8-bit Pulse Width Modulator Operation (Timer A)
TAiS bit in the
TABSR register
IR bit in the
TAiIC register
PWM pulse output
from TAiOUT pin
i = 0 to 4
fj: Count source frequency (f1, f8, f2n(1), fC32)
n: high-order bits in the TAi register (00h to FEh)
m: low-order bits in the TAi register (00h to FFh)
(Conditions) High-order bits in the TAi register are set to 02h.
Low-order bits in the TAi register are set to 02h.
TAiMR register: The MR1 bit is set to 0 (falling edge of signal applied to the TAiIN pin.)
Signal applied
to TAiIN pin
When the TAiS bit is set to 0 (count stops) while the TAiOUT
output is "H", the TAiOUT output becomes "L" and the IR bit
becomes 1 (interrupt requested).
Underflow signal of
8-bit prescaler
Count starts
End of 1 cycle
Count stops
Count source
1
0
1
0
1 / fj x (m+1) x (28-1)
Set to 1 by a program
Set to 0 by a program
1 / fj x (m+1) x n
Set to 0 by an interrupt request acknowledgement or by a program
NOTES:
1. Bits CNT3 to CNT0 in the TCSPR register select no division (n = 0) or divide-by-2n (n = 1 to 15).
2. The 8-bit pulse width modulator counts underflow signals of the 8-bit prescaler.
“H”
“L”
“H”
“L”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com