Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 186 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 186 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 182Page - Renesas Technology Corp M32C/8B Datasheet HTML 183Page - Renesas Technology Corp M32C/8B Datasheet HTML 184Page - Renesas Technology Corp M32C/8B Datasheet HTML 185Page - Renesas Technology Corp M32C/8B Datasheet HTML 186Page - Renesas Technology Corp M32C/8B Datasheet HTML 187Page - Renesas Technology Corp M32C/8B Datasheet HTML 188Page - Renesas Technology Corp M32C/8B Datasheet HTML 189Page - Renesas Technology Corp M32C/8B Datasheet HTML 190Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 406 page
background image
Under development
M32C/8B Group
15. Timer B
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 169 of 385
Figure 15.24
TB0MR to TB5MR Registers in Pulse Period Measurement Mode, Pulse Width
Measurement Mode
b7
0
1
b6 b5 b4
b1
b2
b3
Symbol
TB0MR to TB5MR
Address
035Bh, 035Ch, 035Dh, 031Bh, 031Ch, 031Dh
After Reset
00XX 0000b
b0
Function
Bit Symbol
Bit Name
RW
MR3
TCK1
RW
RW
RW
RO
MR1
TCK0
Timer Bi Mode Register (i = 0 to 5)
(Pulse Period Measurement Mode, Pulse Width Measurement Mode)
TMOD1
RW
RW
MR0
b1 b0
1 0: Pulse period measurement mode
Pulse width measurement mode
Operating mode select bits
TMOD0
RW
NOTES:
1. Bits MR1 and MR0 determine the following measurement modes:
Pulse period measurement 1 (bits MR1 and MR0 are set to 00b):
Measures the width between the falling edges of a pulse
Pulse period measurement 2 (bits MR1 and MR0 bits are set to 01b):
Measures the width between the rising edges of a pulse
Pulse width measurement (bits MR1 and MR0 bits are set to 10b):
Measures the width between a falling edge and a rising edge of a pulse, and between a rising edge and a falling edge of a pulse
2. The MR3 bit is undefined when reset.
3. To set the MR3 bit to 0 (no overflow), wait for one or more count source cycles to write to the TBiMR register after the MR3 bit
becomes 1 (overflow), while the TBiS bit in TABSR or TBSR register is set to 1 (count starts).
4. Bits CNT3 to CNT0 in the TCSPR register select no division (n = 0) or divide-by-2n (n = 1 to 15). To select f2n, set the CST bit in the
TCSPR register to 1 before setting bits TCK1 and TCK0 to 10b.
MR2
RW
−
Registers TB0MR and TB3MR:
Set to 0 in pulse period measurement mode, pulse width measurement mode.
Registers TB1MR, TB2MR, TB4MR, and TB5MR:
Unimplemented.
Write 0. Read as undefined value.
Measurement mode
select bits(1)
b3 b2
0 0: Pulse period measurement 1
0 1: Pulse period measurement 2
1 0: Pulse width measurement
1 1: Do not set to this value
b7 b6
0 0: f1
0 1: f8
1 0: f2n(4)
1 1: fC32
Count source select bits
Timer Bi overflow flag(2)
0: No overflow has occurred
1: Overflow has occurred(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com