Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 278 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 278 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 274Page - Renesas Technology Corp M32C/8B Datasheet HTML 275Page - Renesas Technology Corp M32C/8B Datasheet HTML 276Page - Renesas Technology Corp M32C/8B Datasheet HTML 277Page - Renesas Technology Corp M32C/8B Datasheet HTML 278Page - Renesas Technology Corp M32C/8B Datasheet HTML 279Page - Renesas Technology Corp M32C/8B Datasheet HTML 280Page - Renesas Technology Corp M32C/8B Datasheet HTML 281Page - Renesas Technology Corp M32C/8B Datasheet HTML 282Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 406 page
background image
Under development
M32C/8B Group
18. A/D Converter
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 261 of 385
18.1.3
Single Sweep Mode
In single sweep mode, analog voltage applied to multiple selected pins is converted to a digital code once for
each pin.
Table 18.6 lists specifications of single sweep mode.
Table 18.6
Single Sweep Mode Specifications
Item
Specification
Function
Analog voltage applied to selected pins is converted once for each pin
Analog input pins
Select one of the following.
• 2 pins (ANi_0 and ANi_1) (i = none, 0, 2, 15)
• 4 pins (ANi_0 to ANi_3)
• 6 pins (ANi_0 to ANi_5)
• 8 pins (ANi_0 to ANi_7)
The following register settings determine which pins are used:
• Bits SCAN1 and SCAN0 in the AD0CON1 register
• Bits APS1 and APS0 in the AD0CON2 register
Start condition
Software trigger is selected (TRG bit in the AD0CON0 register = 0):
• The ADST bit in the AD0CON0 register is set to 1 (A/D conversion starts)
External trigger, hardware trigger is selected (TRG bit = 1):
• TRG0 bit in the AD0CON2 register = 0
The falling edge is detected on the ADTRG pin after the ADST bit is set to 1
• TRG0 bit = 1
Timer B2 interrupt request of three-phase motor control timer function (after
the ICTB2 register completes counting) is generated after the ADST bit is set
to 1.
Stop condition
• A sequence of A/D conversions is completed (the ADST bit becomes 0 when
software trigger is selected)
• Set the ADST bit to 0 by a program (A/D conversion stops)
Interrupt request generation timing • DMAC operating mode is not used (DUS bit in the AD0CON3 register = 0):
Interrupt request is generated after a sequence of A/D conversions is
completed.
• DMAC operating mode is used (DUS bit = 1):
Interrupt request is generated every time each A/D conversion is completed
Reading A/D conversion result
• DMAC operating mode is not used (DUS bit = 0):
Read the AD0j register (j = 0 to 7) corresponding to a selected pin by a
program.
• DMAC operating mode is used (DUS bit = 1):
A/D conversion result is stored into the AD00 register after A/D conversion is
completed. Then, DMAC transfers the data from the AD00 register to a given
memory space. (Refer to 13. DMAC for DMAC settings)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com