Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 275 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 275 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 271Page - Renesas Technology Corp M32C/8B Datasheet HTML 272Page - Renesas Technology Corp M32C/8B Datasheet HTML 273Page - Renesas Technology Corp M32C/8B Datasheet HTML 274Page - Renesas Technology Corp M32C/8B Datasheet HTML 275Page - Renesas Technology Corp M32C/8B Datasheet HTML 276Page - Renesas Technology Corp M32C/8B Datasheet HTML 277Page - Renesas Technology Corp M32C/8B Datasheet HTML 278Page - Renesas Technology Corp M32C/8B Datasheet HTML 279Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 275 / 406 page
background image
Under development
M32C/8B Group
18. A/D Converter
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 258 of 385
If analog input shares the pin with other peripheral function inputs, a through current may flow to the peripheral
function inputs when an intermediate voltage is applied to the pin. To prevent through current, set the control bit for the
corresponding pin to 1, and other peripheral inputs are disconnected. Table 18.2 lists settings of an analog input pin.
Table 18.2
Analog Input Pin Setting
18.1
Mode Descriptions
The A/D converter has seven different modes. Table 18.3 lists settings for these modes.
Table 18.3
Mode Settings
Port
Function
Control Bit
PSC Register
PSL3 Register
P9_5
ANEX0
−
PSL3_5 = 1
P9_6
ANEX1
−
PSL3_6 = 1
P10_4
AN_4
PSC_7 = 1
−
P10_5
AN_5
−
P10_6
AN_6
−
P10_7
AN_7
−
Mode
AD0CON0 register
AD0CON1 register
AD0CON3 register
MD1 bit
MD0 bit
MD2 bit
MSS bit
DUS bit
One-shot mode
0
0
0
0
0 or 1
Repeat mode
0
1
0
0
0 or 1
Single sweep mode
1
0
0
0
0 or 1
Repeat sweep mode 0
1
1
0
0
0 or 1
Repeat sweep mode 1
1
1
1
0
0 or 1
Multi-port single sweep mode
1
0
0
1
1
Multi-port repeat sweep mode 0
1
1
0
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com