Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 272 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 272 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 268Page - Renesas Technology Corp M32C/8B Datasheet HTML 269Page - Renesas Technology Corp M32C/8B Datasheet HTML 270Page - Renesas Technology Corp M32C/8B Datasheet HTML 271Page - Renesas Technology Corp M32C/8B Datasheet HTML 272Page - Renesas Technology Corp M32C/8B Datasheet HTML 273Page - Renesas Technology Corp M32C/8B Datasheet HTML 274Page - Renesas Technology Corp M32C/8B Datasheet HTML 275Page - Renesas Technology Corp M32C/8B Datasheet HTML 276Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 406 page
background image
Under development
M32C/8B Group
18. A/D Converter
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 255 of 385
Figure 18.4
AD0CON2 Register
b7
0 0
b6 b5 b4
b1
b2
b3
Symbol
AD0CON2
Address
0394h
After Reset
XX0X X000b
b0
Function
Bit Symbol
Bit Name
RW
(b7-b6)
Reserved bits
RW
RW
(b4-b3)
External trigger source select bit
TRG0
A/D0 Control Register 2(1)
APS0
RW
RW
APS1
When the MSS bit in the AD0CON3 register = 0
b2 b1
0 0: AN_0 to AN_7, ANEX0, ANEX1
0 1: AN15_0 to AN15_7(2)
1 0: AN0_0 to AN0_7
1 1: AN2_0 to AN2_7
When the MSS bit in the AD0CON3 register = 1
Set to 01b.
Analog input port
select bits(3)
SMP
RW
0: ADTRG selected
1: Timer B2 interrupt request of the three-phase
motor control timer function (after the ICTB2
register completes counting) selected
Set to 0.
Read as undefined value.
NOTES:
1. If the AD0CON2 register is rewritten during A/D conversion, the conversion result will be incorrect.
2. In the 100-pin package, do not set to 01b.
3. Set to 00b or 01b in memory expansion mode and microprocessor mode.
A/D conversion method
select bit
0: Without sample and hold
1: With sample and hold
Unimplemented.
Write 0. Read as undefined value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com