Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 270 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 270 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 266Page - Renesas Technology Corp M32C/8B Datasheet HTML 267Page - Renesas Technology Corp M32C/8B Datasheet HTML 268Page - Renesas Technology Corp M32C/8B Datasheet HTML 269Page - Renesas Technology Corp M32C/8B Datasheet HTML 270Page - Renesas Technology Corp M32C/8B Datasheet HTML 271Page - Renesas Technology Corp M32C/8B Datasheet HTML 272Page - Renesas Technology Corp M32C/8B Datasheet HTML 273Page - Renesas Technology Corp M32C/8B Datasheet HTML 274Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 406 page
background image
Under development
M32C/8B Group
18. A/D Converter
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 253 of 385
Figure 18.2
AD0CON0 Register
b7 b6 b5 b4
b1
b2
b3
Symbol
AD0CON0
Address
0396h
After Reset
00h
b0
Function
Bit Symbol
Bit Name
RW
TRG
CKS0
A/D operating mode
select bits 0(2)
Frequency select bit 0
RW
RW
RW
RW
MD1
RW
MD0
Trigger select bit
A/D conversion start bit
ADST
A/D0 Control Register 0(1)
CH1
RW
RW
CH2
b2 b1 b0
0 0 0: ANi_0
0 0 1: ANi_1
0 1 0: ANi_2
0 1 1: ANi_3
1 0 0: ANi_4
1 0 1: ANi_5
1 1 0: ANi_6
1 1 1: ANi_7 (i = none, 0, 2, 15)
Analog input pin
select bits(2, 3)
CH0
RW
When the MSS bit in the AD0CON3 register = 0
b4 b3
0 0: One-shot mode
0 1: Repeat mode
1 0: Single sweep mode
1 1: Repeat sweep mode 0, repeat sweep mode 1
When the MSS bit in the AD0CON3 register = 1
b4 b3
0 0:
0 1:
1 0: Multi-port single sweep mode
1 1: Multi-port repeat sweep mode 0
0: Software trigger
1: External trigger, hardware trigger(4)
0: A/D conversion stops
1: A/D conversion starts(4)
(Note 5)
NOTES:
1. If the AD0CON0 register is rewritten during A/D conversion, the conversion result will be incorrect.
2. Analog input pins must be configured again after an A/D operating mode is changed.
3. Bits CH2 to CH0 are enabled in one-shot mode and repeat mode.
4. To set the TRG bit to 1, select a trigger source using the TRG0 bit in the AD0CON2 register. Then, set the ADST bit to 1 after
the TRG bit is set to 1.
5.
φAD frequency must be 16 MHz or lower when VCC1 = 4.2 to 5.5V.
φAD frequency must be 10 MHz or lower when VCC1 = 3.0 to 5.5V.
φAD is selected by the combination of the CKS0 bit, the CKS1 in the AD0CON1 register, and the CKS2 bit in the AD0CON3
register.
CKS2 bit
in AD0CON3 register
CKS0 bit
in AD0CON0 register
φAD
CKS1 bit
in AD0CON1 register
0
0
fAD divided by 4
0
1
1
0
1
0
1
1
0
fAD divided by 3
fAD divided by 2
fAD
fAD divided by 8
fAD divided by 6
Do not set to these values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com