Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 273 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 273 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 269Page - Renesas Technology Corp M32C/8B Datasheet HTML 270Page - Renesas Technology Corp M32C/8B Datasheet HTML 271Page - Renesas Technology Corp M32C/8B Datasheet HTML 272Page - Renesas Technology Corp M32C/8B Datasheet HTML 273Page - Renesas Technology Corp M32C/8B Datasheet HTML 274Page - Renesas Technology Corp M32C/8B Datasheet HTML 275Page - Renesas Technology Corp M32C/8B Datasheet HTML 276Page - Renesas Technology Corp M32C/8B Datasheet HTML 277Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 406 page
background image
Under development
M32C/8B Group
18. A/D Converter
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 256 of 385
Figure 18.5
AD0CON3 Register
b7
0
0
0
b6 b5 b4
b1
b2
b3
A/D0 Control Register 3(1, 2)
Symbol
AD0CON3
Address
0395h
Bit Symbol
RW
DUS
After Reset
XXXX X000b
RW
NOTES:
1. If the AD0CON3 register is rewritten during A/D conversion, the conversion result will be incorrect.
2. The AD0CON3 register may return an incorrect value if read during A/D conversion. It must be read or written after the A/D
conversion stops.
3. When the MSS bit is set to 1;
-set the DUS bit to 1 and configure DMAC.
-set bits MD1 and MD0 in the AD0CON0 register to 10b or 11b.
-set bits SCAN1 and SCAN0 in the AD0CON1 register to 11b, the MD2 bit to 0, bits OPA1 and OPA0 to 00b.
-set bits APS1 and APS0 in the AD0CON2 register to 01b.
-set bits MPS11 and MPS10 to 01b, 10b, or 11b.
4. Refer to the note for the CKS0 bit in the AD0CON0 register.
5. Bits MSF1 and MSF0 are enabled when the MSS bit is set to 1. When the MSS bit is set to 0, a read from these bits returns an
undefined value.
b0
MSS
RW
RO
CKS2
MSF0
MSF1
RW
RO
(b7-b5)
RW
Bit Name
Multi-port sweep status flags(5)
Function
b4 b3
0 0: AN_0 to AN_7
0 1: AN15_0 to AN15_7
1 0: AN0_0 to AN0_7
1 1: AN2_0 to AN2_7
Reserved bits
Set to 0.
Read as undefined value.
Multi-port sweep mode
select bit
DMAC operating mode
select bit
0: Multi-port sweep mode not used
1: Multi-port sweep mode used(3)
0: DMAC operating mode not used
1: DMAC operating mode used
Frequency select bit 2
(Note 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com