Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 271 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 271 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 267Page - Renesas Technology Corp M32C/8B Datasheet HTML 268Page - Renesas Technology Corp M32C/8B Datasheet HTML 269Page - Renesas Technology Corp M32C/8B Datasheet HTML 270Page - Renesas Technology Corp M32C/8B Datasheet HTML 271Page - Renesas Technology Corp M32C/8B Datasheet HTML 272Page - Renesas Technology Corp M32C/8B Datasheet HTML 273Page - Renesas Technology Corp M32C/8B Datasheet HTML 274Page - Renesas Technology Corp M32C/8B Datasheet HTML 275Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 406 page
background image
Under development
M32C/8B Group
18. A/D Converter
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 254 of 385
Figure 18.3
AD0CON1 Register
b7 b6 b5 b4
b1
b2
b3
A/D0 Control Register 1(1)
Symbol
AD0CON1
Address
0397h
Bit Symbol
RW
After Reset
00h
NOTES:
1. If the AD0CON1 register is rewritten during A/D conversion, the conversion result will be incorrect.
2. Bits SCAN1 and SCAN0 are enabled in single sweep mode, repeat sweep mode 0, 1, multi-port single sweep mode, and multi-
port repeat sweep mode 0.
3. These are prioritized pins used for A/D conversion when the MD2 bit is set to 1.
4. When the MSS bit in the AD0CON3 register is set to 1 (multi-port sweep mode used);
-set bits SCAN1 and SCAN0 to 11b
-set the MD2 bit to 0
-set bits OPA1 and OPA0 to 00b.
5. Refer to the note for the CKS0 bit in the AD0CON0 register.
6. Bits OPA1 and OPA0 can be set to 01b or 10b in one-shot mode and repeat mode. Set these bits to 00b or 11b in other modes.
7. Do not set the VCUT bit to 0 during A/D conversion. Even if the VCUT bit is set to 0, VREF remains connected to the D/A
converter.
8. When the VCUT bit is set to 1 from 0, wait for 1
μs or more to start the A/D conversion.
b0
RW
MD2
VCUT
RW
BITS
CKS1
RW
RW
RW
OPA0
OPA1
SCAN0
SCAN1
RW
RW
RW
Bit Name
Resolution select bit
A/D operating mode
select bit 1(4)
Frequency select bit 1
VREF connection bit(8)
Extended input pin function
select bits(4, 6)
A/D sweep pin select bits(2)
Function
0: 8-bit mode
1: 10-bit mode
(Note 5)
0: Other than repeat sweep mode 1
1: Repeat sweep mode 1
b7 b6
0 0: ANEX0 and ANEX1 are not used
0 1: Signal applied to ANEX0 is A/D converted
1 0: Signal applied to ANEX1 is A/D converted
1 1: External op-amp connection
0: VREF not connected(7)
1: VREF connected
Single sweep mode and repeat sweep mode 0
b1 b0
0 0: ANi_0, ANi_1 (i = none, 0, 2, 15)
0 1: ANi_0 to ANi_3
1 0: ANi_0 to ANi_5
1 1: ANi_0 to ANi_7
Repeat sweep mode 1(3)
b1 b0
0 0: ANi_0
0 1: ANi_0, ANi_1
1 0: ANi_0 to ANi_2
1 1: ANi_0 to ANi_3
Multi-port single sweep mode and multi-port
repeat sweep mode 0(4)
Set to 11b.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com