| Electronic Components Datasheet Search |
|
M32C/8B Datasheet(PDF) 295 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/8B Datasheet(HTML) 295 Page - Renesas Technology Corp |
|
295 / 406 page ![]() Under development M32C/8B Group 21. X/Y Conversion Preliminary specification Specifications in this manual are tentative and subject to change. REJ09B0450-0050 Rev.0.50 Oct 31, 2008 Page 278 of 385 When setting the XYC0 bit in the XYC register to 1 (data not converted) and reading the YjR register, the value written to the XiR register can be read. Figure 21.4 shows a conversion table when the XYC0 bit is set to 1. Figure 21.4 Conversion Table when the XYC0 Bit is Set to 1 The XYC1 bit in the XYC register selects bit alignment written to the XiR register. When the XYC1 bit is set to 0 (bit alignment not converted) and writing to the XiR register, bit alignment is written as is. When the XYC1 bit is set to 1 (bit alignment converted) and writing to the XiR register, inverted bit alignment is written. Figure 21.5 shows a conversion when the XYC1 bit is set to 1. Figure 21.5 Conversion when the XYC1 Bit is Set to 1 Bits in XiR register Write address Read address X0R register, X1R register, X2R register, X3R register, X4R register, X5R register, X6R register, X7R register, X8R register, X9R register, X10R register, X11R register, X12R register, X13R register, X14R register, X15R register, b15 b0 Bits in YjR register i = 0 to 15 j = 0 to 15 Y0R register Y1R register Y2R register Y3R register Y4R register Y5R register Y6R register Y7R register Y8R register Y9R register Y10R register Y11R register Y12R register Y13R register Y14R register Y15R register Write data XiR register (i = 0 to 15) b15 b15 b0 b0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |