Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 297 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 297 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 293Page - Renesas Technology Corp M32C/8B Datasheet HTML 294Page - Renesas Technology Corp M32C/8B Datasheet HTML 295Page - Renesas Technology Corp M32C/8B Datasheet HTML 296Page - Renesas Technology Corp M32C/8B Datasheet HTML 297Page - Renesas Technology Corp M32C/8B Datasheet HTML 298Page - Renesas Technology Corp M32C/8B Datasheet HTML 299Page - Renesas Technology Corp M32C/8B Datasheet HTML 300Page - Renesas Technology Corp M32C/8B Datasheet HTML 301Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 406 page
background image
Under development
M32C/8B Group
22. Programmable I/O Ports
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 280 of 385
22.6
Pull-up Control Register 0 to 4 (PUR0 to PUR4 Registers)
Figures 22.12 to 22.15 show registers PUR0 to PUR4.
Registers PUR0 to PUR4 select whether the ports, divided into groups of four, are pulled up or not. Set the bit in
registers PUR0 to PUR4 to 1 (pull-up) and the bit in the PDi register to 0 (input mode) to pull-up the corresponding
port.
In memory expansion mode and microprocessor mode, set bits, corresponding to the bus control pins (P0 to P5), in
registers PUR0 and PUR1 to 0 (no pull-up). P0, P1, and P4_0 to P4_3 can be pulled up when they are used as input
ports in memory expansion mode and microprocessor mode.
22.7
Port Control Register (PCR Register)
Figure 22.16 shows the PCR register.
The PCR register selects either CMOS output or N-channel open drain output as port P1 output format. When the
PCR0 bit is set to 1, P channel in the CMOS port is turned off at all times and in result port P1 becomes N-channel
open drain output. This is, however, pseudo open drain. Therefore, the absolute maximum rating of the input
voltage is from -0.3 V to VCC2 + 0.3 V.
To use port P1 as data bus in memory expansion mode and microprocessor mode, set the PCR0 bit to 0 (CMOS
output). When port P1 is used as a port in memory expansion mode and microprocessor mode, set the output format
using the PCR0 bit.
22.8
Analog Input and Other Peripheral Function Input
Bits PSL3_3 to PSL3_6 in the PSL3 register, and the PSC_7 bit in the PSC register are used to separate peripheral
function inputs from analog input/output. If the analog I/O shares the pin with other peripheral function inputs, a
through current may flow to the peripheral function inputs when an intermediate voltage is applied to the pin.
To use the analog I/O (DA0, DA1, ANEX0, ANEX1, or AN_4 to AN_7), set the corresponding bit to 1 (analog I/
O), and disconnect the peripheral function inputs to prevent an intermediate voltage from being applied to the
peripheral function inputs.
For P10_4 to P10_7 (AN_4 to AN_7/KI0 to KI3), when the PSC_7 bit is set to 1, the input buffer for the peripheral
functions including the port function is disconnected and ports P10_4 to P10_7 are read as undefined. Also, the IR
bit in the KUPIC register remains unchanged as 0 (interrupt not requested) even if KI0 to KI3 pin input levels are
changed.
Set the corresponding bit to 0 (except analog I/O) when analog I/O is not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com