Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 300 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 300 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 296Page - Renesas Technology Corp M32C/8B Datasheet HTML 297Page - Renesas Technology Corp M32C/8B Datasheet HTML 298Page - Renesas Technology Corp M32C/8B Datasheet HTML 299Page - Renesas Technology Corp M32C/8B Datasheet HTML 300Page - Renesas Technology Corp M32C/8B Datasheet HTML 301Page - Renesas Technology Corp M32C/8B Datasheet HTML 302Page - Renesas Technology Corp M32C/8B Datasheet HTML 303Page - Renesas Technology Corp M32C/8B Datasheet HTML 304Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 406 page
background image
Under development
M32C/8B Group
22. Programmable I/O Ports
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 283 of 385
Figure 22.3
Programmable I/O Ports (3/4)
(note 4)
(A)
Hysteresis
(B)
Peripheral
fucntion input
PDi register
Pull-up select
Programmable I/O ports with the function select register
Registers PS0 to PS3(1, 2)
E
C
Port latch
B
: Available
−: Not available
NOTES:
1. For P5_3, use the PM07 bit in the PM0 register, bits PM15 and PM14 in the PM1 register, and bits
CM01 and CM00 in the CM0 register to select CLKOUT or ALE output.
2. For P5_4 and P5_6, use bits PM15 and PM14 to select ALE output.
3. P7_0 and P7_1 are N-channel open drain output ports.
4. These ports are provided in the 144-pin package only.
Data bus
Peripheral function output
Peripheral
function input
Peripheral
function input
D
Analog signal
A
(C)
Peripheral
fucntion input
(D)
Analog I/F
(E)
Circuit
Option
Port
P5_3(1)
P5_4, P5_6(2)
P6_0 to P6_7
P7_0, P7_1(3)
P7_6, P7_7
P8_2
P9_0 to P9_2
P9_3 to P9_6
P9_7
P10_0 to P10_3
P10_4 to P10_7
P11_0 to P11_3
P11_4, P12_0
P12_1 to P12_3
P12_4 to P12_7
P13_0 to P13_4
P13_5, P13_6
P13_7
P14_0 to P14_3
P14_4 to P14_6
P15_0
P15_1 to P15_3
P15_4
P15_5 to P15_7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com