Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 303 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 303 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 299Page - Renesas Technology Corp M32C/8B Datasheet HTML 300Page - Renesas Technology Corp M32C/8B Datasheet HTML 301Page - Renesas Technology Corp M32C/8B Datasheet HTML 302Page - Renesas Technology Corp M32C/8B Datasheet HTML 303Page - Renesas Technology Corp M32C/8B Datasheet HTML 304Page - Renesas Technology Corp M32C/8B Datasheet HTML 305Page - Renesas Technology Corp M32C/8B Datasheet HTML 306Page - Renesas Technology Corp M32C/8B Datasheet HTML 307Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 406 page
background image
Under development
M32C/8B Group
22. Programmable I/O Ports
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 286 of 385
Figure 22.7
PS0 Register, PS1 Register
b7 b6 b5 b4
b1
b2
b3
Symbol
PS0
Address
03B0h
After Reset
00h
b0
Function
Bit Symbol
Bit Name
RW
PS0_5
PS0_7
Port P6_3
output function select bit
Port P6_7
output function select bit
RW
RW
RW
RW
PS0_4
RW
PS0_3
Port P6_5
output function select bit
Port P6_6
output function select bit
PS0_6
Function Select Register A0
Port P6_4
output function select bit
Port P6_1
output function select bit
PS0_1
RW
Port P6_2
output function select bit
RW
PS0_2
0: I/O port/peripheral function input
1: Select by the PSL0_0 bit
Port P6_0
output function select bit
PS0_0
RW
0: I/O port/peripheral function input
1: Select by the PSL0_1 bit
0: I/O port/peripheral function input
1: Select by the PSL0_2 bit
0: I/O port/peripheral function input
1: Select by the PSL0_3 bit
0: I/O port/peripheral function input
1: Select by the PSL0_4 bit
0: I/O port/peripheral function input
1: Select by the PSL0_5 bit
0: I/O port/peripheral function input
1: Select by the PSL0_6 bit
0: I/O port/peripheral function input
1: Select by the PSL0_7 bit
b7
0
b6 b5 b4
b1
b2
b3
Symbol
PS1
Address
03B1h
After Reset
00h
b0
Function
Bit Symbol
Bit Name
RW
PS1_5
PS1_7
Port P7_3
output function select bit
Port P7_7
output function select bit
RW
RW
RW
RW
PS1_4
RW
PS1_3
Port P7_5
output function select bit
Port P7_6
output function select bit
PS1_6
Function Select Register A1
Port P7_4
output function select bit
Port P7_1
output function select bit
PS1_1
RW
Port P7_2
output function select bit
RW
PS1_2
0: I/O port/peripheral function input
1: Select by the PSL1_0 bit
Port P7_0
output function select bit
PS1_0
RW
0: I/O port/peripheral function input
1: Select by the PSL1_1 bit
0: I/O port/peripheral function input
1: Select by the PSL1_2 bit
0: I/O port/peripheral function input
1: Select by the PSL1_3 bit
0: I/O port/peripheral function input
1: Select by the PSL1_4 bit
0: I/O port/peripheral function input
1: Select by the PSL1_5 bit
0: I/O port/peripheral function input
1: Select by the PSL1_6 bit
0: I/O port/peripheral function input
1: Do not set to this value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com