Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8B Datasheet(PDF) 306 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 306 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 302Page - Renesas Technology Corp M32C/8B Datasheet HTML 303Page - Renesas Technology Corp M32C/8B Datasheet HTML 304Page - Renesas Technology Corp M32C/8B Datasheet HTML 305Page - Renesas Technology Corp M32C/8B Datasheet HTML 306Page - Renesas Technology Corp M32C/8B Datasheet HTML 307Page - Renesas Technology Corp M32C/8B Datasheet HTML 308Page - Renesas Technology Corp M32C/8B Datasheet HTML 309Page - Renesas Technology Corp M32C/8B Datasheet HTML 310Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 406 page
background image
Under development
M32C/8B Group
22. Programmable I/O Ports
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 289 of 385
Figure 22.10
PSL2 Register, PSL3 Register
b7
0
0
0
0
0
0
b6 b5 b4
b1
b2
b3
Symbol
PSL2
Address
03B6h
After Reset
00X0 0000b
b0
Function
Bit Symbol
Bit Name
RW
(b5)
Reserved bits
RW
RW
(b4-b2)
Reserved bits
(b7-b6)
Function Select Register B2
Port P8_1 peripheral function
output select bit
PSL2_1
RW
0: TA4OUT output
1: U
Port P8_0 peripheral function
output select bit
PSL2_0
RW
0: U
1: Do not set to this value
Set to 0
Unimplemented.
Write 0. Read as undefined value.
Set to 0
b7
0
0
b6 b5 b4
b1
b2
b3
Symbol
PSL3
Address
03B7h
After Reset
00h
b0
Function
Bit Symbol
Bit Name
RW
PSL3_5
PSL3_7
Port P9_3 peripheral function
output select bit(1)
Port P9_7 peripheral function
output select bit
RW
RW
RW
RW
PSL3_4
RW
PSL3_3
Port P9_5 peripheral function
output select bit(1)
Port P9_6 peripheral function
output select bit(1)
PSL3_6
Function Select Register B3
Port P9_4 peripheral function
output select bit(1)
Port P9_1 peripheral function
output select bit
PSL3_1
RW
Port P9_2 peripheral function
output select bit
RW
PSL3_2
0: CLK3 output
1: Do not set to this value
Port P9_0 peripheral function
output select bit
PSL3_0
RW
0: SCL3 output
1: STXD3
0: TXD3/SDA3 output
1: Do not set to this value
0: Peripheral function input
1: DA0
0: Peripheral function input except ANEX0
1: ANEX0
0: Peripheral function input except ANEX1
1: ANEX1
0: SCL4 output
1: STXD4
NOTE:
1. If DA0, DA1, ANEX0, and ANEX1 are used with the PSL3_i bit (i = 3 to 6) setting to 0, current consumption may increase.
0: Peripheral function input
1: DA1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com